Electronic Components Datasheet Search
  English  ▼

X  

A1010 Datasheet(PDF) 1 Page - Actel Corporation

Part # A1010
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010 Datasheet(HTML) 1 Page - Actel Corporation

  A1010 Datasheet HTML 1Page - Actel Corporation A1010 Datasheet HTML 2Page - Actel Corporation A1010 Datasheet HTML 3Page - Actel Corporation A1010 Datasheet HTML 4Page - Actel Corporation A1010 Datasheet HTML 5Page - Actel Corporation A1010 Datasheet HTML 6Page - Actel Corporation A1010 Datasheet HTML 7Page - Actel Corporation A1010 Datasheet HTML 8Page - Actel Corporation A1010 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Ja nuar y 2000
1
© 2000 Actel Corporation
v 3.0
HiRel FPGAs
Fe a t ur es
• Highly Predictable Performance with 100% Automatic
Placement and Routing
• Device Sizes from 1,200 to 20,000 Gates
• Up to 6 Fast, Low-Skew Clock Networks
• Up to 202 User-Programmable I/O Pins
• More Than 500 Macro Functions
• Up to 1,276 Dedicated Flip-Flops
• I/O Drive to 10 mA
• Devices Available to DSCC SMD
• CQFP and CPGA Packaging
• Nonvolatile, User Programmable
• Logic Fully Tested Prior to Shipment
• 100% Military Temperature Tested (–55°C to +125°C)
• QML Certified Devices
• Proven Reliability Data Available
• Successful Military/Avionics Supplier for Over 10 Years
A C T 3 Fe at ure s
• Highest-Performance, Highest-Capacity FPGA Family
• System Performance to 60 MHz over Military Temperature
• Low-Power 0.8µ CMOS Technology
3 200 DX F eat u r e s
• 100 MHz System Logic Integration
• Highest Speed FPGA SRAM, up to 2.5 kbits Configurable
Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Low-Power 0.6µ CMOS Technology
12 0 0 X L Fe at ure s
• Pin for Pin Compatible with ACT 2
• System Performance to 50 MHz over Military Temperature
• Low-Power 0.6µ CMOS Technology
A C T 2 Fe at ure s
• Best-Value, High-Capacity FPGA Family
• System Performance to 40 MHz over Military Temperature
• Low-Power 1.0µ CMOS Technology
A C T 1 Fe at ure s
• Lowest-Cost FPGA Family
• System Performance to 20 MHz over Military Temperature
• Low-Power 1.0µ CMOS Technology
P r o d u c t F a m ily P r o f ile (more devices on page 2)
Family
3200DX
ACT 3
1200XL
Device
A32100DX
A32200DX
A1425A
A1460A
A14100A
A1280XL
Capacity
System Gates
Logic Gates
SRAM Bits
15,000
10,000
2,048
30,000
20,000
2,560
3,750
2,500
NA
9,000
6,000
NA
15,000
10,000
NA
12,000
8,000
Logic Modules
S-Modules
C-Modules
Decode
1,362
700
662
20
2,414
1,230
1,184
24
310
160
150
NA
848
432
416
NA
1,377
697
680
NA
1,232
624
608
NA
Flip-Flops (Maximum)
738
1,276
435
976
1,493
998
User I/Os (Maximum)
152
202
100
168
228
140
Performance
System Speed (maximum)
55 MHz
55 MHz
60 MHz
60 MHz
60 MHz
50 MHz
Packages (by Pin Count)
CPGA
CQFP
84
208, 256
133
132
207
196
257
256
176
172


Similar Part No. - A1010

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
172Kb / 24P
5V and 3.3V Families fully compatible with JEDEC specifications
logo
List of Unclassifed Man...
A101024006 ETC2-A101024006 Datasheet
72Kb / 3P
Timers Delay on Operate
A101024060 ETC2-A101024060 Datasheet
72Kb / 3P
Timers Delay on Operate
A101024600 ETC2-A101024600 Datasheet
72Kb / 3P
Timers Delay on Operate
logo
Pentair Equipment Prote...
A10106CH HOFFMANPRODUCTS-A10106CH Datasheet
219Kb / 2P
Continuous Hinge with Clamps, Type 12
More results

Similar Description - A1010

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
Highly Predictable Performance with Automatic Placement and Routing
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
Highly Predictable Performance with 100 Automatic Placement and Routing
logo
Everlight Electronics C...
EAST0707RGBA0 EVERLIGHT-EAST0707RGBA0 Datasheet
423Kb / 13P
Compatible with automatic placement equipment
EAST0808RGBA4 EVERLIGHT-EAST0808RGBA4 Datasheet
420Kb / 12P
Compatible with automatic placement equipment
EAST0808RGBA5 EVERLIGHT-EAST0808RGBA5 Datasheet
426Kb / 13P
Compatible with automatic placement equipment
logo
Lite-On Technology Corp...
LTST-T680QSKT LITEON-LTST-T680QSKT Datasheet
486Kb / 11P
Compatible with automatic placement equipment
LTST-T680UGKT LITEON-LTST-T680UGKT Datasheet
542Kb / 11P
Compatible with automatic placement equipment
LTW-206DCG-E2H LITEON-LTW-206DCG-E2H Datasheet
466Kb / 11P
Compatible with automatic placement equipment
LTW-206ZDCG-E2 LITEON-LTW-206ZDCG-E2 Datasheet
455Kb / 11P
Compatible with automatic placement equipment
LTW-M140SXS57 LITEON-LTW-M140SXS57 Datasheet
532Kb / 12P
Compatible with automatic placement equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com