Electronic Components Datasheet Search
  English  ▼

X  

A1010 Datasheet(PDF) 52 Page - Actel Corporation

Part # A1010
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010 Datasheet(HTML) 52 Page - Actel Corporation

Back Button A1010 Datasheet HTML 48Page - Actel Corporation A1010 Datasheet HTML 49Page - Actel Corporation A1010 Datasheet HTML 50Page - Actel Corporation A1010 Datasheet HTML 51Page - Actel Corporation A1010 Datasheet HTML 52Page - Actel Corporation A1010 Datasheet HTML 53Page - Actel Corporation A1010 Datasheet HTML 54Page - Actel Corporation A1010 Datasheet HTML 55Page - Actel Corporation A1010 Datasheet HTML 56Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
52
A3 22 00 DX Ti m i n g Ch ar ac te r i st i c s
(Wor s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Logic Module Combinatorial Functions
tPD
Internal Array Module Delay
2.8
3.8
ns
tPDD
Internal Decode Module Delay
3.4
4.6
ns
Logic Module Predicted Routing Delays1
tRD1
FO=1 Routing Delay
1.6
2.1
ns
tRD2
FO=2 Routing Delay
2.3
3.1
ns
tRD3
FO=3 Routing Delay
2.9
3.9
ns
tRD4
FO=4 Routing Delay
3.5
4.7
ns
tRD5
FO=8 Routing Delay
6.2
8.2
ns
tRDD
Decode-to-Output Routing Delay
0.8
1.1
ns
Logic Module Sequential Timing Characteristics
tCO
Flip-Flop Clock-to-Output
3.2
4.2
ns
tGO
Latch Gate-to-Output
2.8
3.8
ns
tSU
Flip-Flop (Latch) Setup Time
0.5
0.6
ns
tH
Flip-Flop (Latch) Hold Time
0.0
0.0
ns
tRO
Flip-Flop (Latch) Reset to Output
3.2
4.2
ns
tSUENA
Flip-Flop (Latch) Enable Setup
0.9
1.2
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch) Clock Active Pulse Width
4.3
5.8
ns
tWASYN
Flip-Flop (Latch) Asynchronous Pulse Width
5.7
7.6
ns
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is
based on actual routing delay measurements performed on the device prior to shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com