Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 11 Page - ON Semiconductor

Part # TLV271
Description  Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor TLV271 Datasheet HTML 10Page - ON Semiconductor TLV271 Datasheet HTML 11Page - ON Semiconductor TLV271 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TLV271
http://onsemi.com
11
APPLICATIONS
+
−
R1
R2
VO
Vref
Vin
VOH
VO
VOL
Hysteresis
VinL
VinH
Vref
MC1403
TLV271
−
+
R1
VDD
VDD
VO
2.5 V
R2
50 k
10 k
Vref
5.0 k
R
C
R
C
+
−
VO
For: fo = 1.0 kHz
R = 16 kW
C = 0.01 mF
VDD
TLV271
TLV271
Figure 31. Voltage Reference
Figure 32. Wien Bridge Oscillator
Figure 33. Comparator with Hysteresis
VO + 2.5 V(1 )
R1
R2
)
Vref +
1
2
VDD
fO +
1
2pRC
VinL +
R1
R1 ) R2
(VOL * Vref) ) Vref
VinH +
R1
R1 ) R2
(VOH * Vref) ) Vref
H +
R1
R1 ) R2
(VOH * VOL)
For less than 10% error from operational amplifier,
((QO fO)/BW) < 0.1 where fo and BW are expressed in Hz.
If source impedance varies, filter may be preceded with
voltage follower buffer to stabilize filter parameters.
Given: fo = center frequency
A(fo) = gain at center frequency
Choose value fo, C
Vin
Figure 34. Multiple Feedback Bandpass Filter
−
+
VDD
R3
R1
R2
Vref
C
C
VO
CO = 10 C
CO
TLV271
Then :
R3 +
Q
pfO C
R1 +
R3
2A(fO)
R2 +
R1 R3
4Q2 R1 * R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com