Electronic Components Datasheet Search
  English  ▼

X  

TLV271 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TLV271
Description  Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 2 Page - ON Semiconductor

  TLV271 Datasheet HTML 1Page - ON Semiconductor TLV271 Datasheet HTML 2Page - ON Semiconductor TLV271 Datasheet HTML 3Page - ON Semiconductor TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLV271
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VDD
Supply Voltage (Note 1)
16.5
V
VID
Input Differential Voltage (Note 2)
$Supply Voltage
V
VI
Input Common Mode Voltage Range (Note 1)
−0.2 V to (VDD +
0.2 V)
V
II
Maximum Input Current
$10
mA
IO
Output Current Range
$100
mA
Continuous Total Power Dissipation (Note 1)
200
mW
TJ
Maximum Junction Temperature
150
°C
qJA
Thermal Resistance
333
°C/W
Tstg
Operating Temperature Range (free−air)
−40 to 105
°C
Tstg
Storage Temperature
−65 to 150
°C
Mounting Temperature (Infrared or Convection − 20 sec)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.
1. Continuous short−circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction
temperature of 150°C. Output currents in excess of 45 mA over long term may adversely affect reliability. Shorting output to either V+
or V− will adversely affect reliability.
2. ESD data available upon request.
DC ELECTRICAL CHARACTERISTICS (VDD = 2.7V, 3.3V, 5V & $5 V (Note 3), TA = 25°C, RL w 10 kW unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VIC = VDD/2, VO = VDD/2, RL = 10 kW, RS = 50 W
0.5
5
mV
TA = −40°C to +105°C
7
Offset Voltage Drift
ICVOS
VIC = VDD/2, VO = VDD/2, RL = 10 kW, RS = 50 W
2
mV/°C
Common Mode
Rejection Ratio
CMRR
0 V v VIC v VDD − 1.35 V, RS = 50 W
VDD = 2.7 V
58
70
dB
TA = −40°C to +105°C
55
0 V v VIC v VDD − 1.35 V, RS = 50 W
VDD = 5 V
65
130
TA = −40°C to +105°C
62
0 V v VIC v VDD − 1.35 V, RS = 50 W
VDD = $5 V
69
140
TA = −40°C to +105°C
66
Power Supply
Rejection Ratio
PSRR
VDD = 2.7 V to 16 V, VIC = VDD/2, No Load
70
135
dB
TA = −40°C to +105°C
65
Large Signal
Voltage Gain
AVD
VO(pp) = VDD/2, RL = 10 kW
VDD = 2.7 V
97
106
dB
TA = −40°C to +105°C
76
VO(pp) = VDD/2, RL = 10 kW
VDD = 3.3 V
97
123
TA = −40°C to +105°C
76
VO(pp) = VDD/2, RL = 10 kW
VDD = 5 V
100
127
TA = −40°C to +105°C
86
VO(pp) = VDD/2, RL = 10 kW
VDD = $5 V
100
130
TA = −40°C to +105°C
90
Input Bias Current
IB
VDD = 5 V, VIC = VDD/2, VO = VDD/2,
RS = 50 W
TA = 25°C
45
150
pA
TA = 105°C
1000
3. VDD = ±5 V is shorthand for VDD = +5 V and VEE = −5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com