Electronic Components Datasheet Search
  English  ▼

X  

5616 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 5616
Description  2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK-PROGRAMMABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5616 Datasheet(HTML) 2 Page - Allegro MicroSystems

  5616 Datasheet HTML 1Page - Allegro MicroSystems 5616 Datasheet HTML 2Page - Allegro MicroSystems 5616 Datasheet HTML 3Page - Allegro MicroSystems 5616 Datasheet HTML 4Page - Allegro MicroSystems 5616 Datasheet HTML 5Page - Allegro MicroSystems 5616 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5616
2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
A M
P M
Dwg. EC-001
S2
S1
4.194304 MHz
C = 15 pF, R = 50
Ω
6.8 k
Ω
1 M
Ω
MINUTES
HOURS
IGNITION
BACKPLANE
SEGMENTS
47
µF
+
VDD
+12 V
S
L
GROUNDS
TYPICAL APPLICATION
W
Copyright © 1990, 1995, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com