Electronic Components Datasheet Search
  English  ▼

X  

5616 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5616
Description  2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK-PROGRAMMABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5616 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5616 Datasheet HTML 1Page - Allegro MicroSystems 5616 Datasheet HTML 2Page - Allegro MicroSystems 5616 Datasheet HTML 3Page - Allegro MicroSystems 5616 Datasheet HTML 4Page - Allegro MicroSystems 5616 Datasheet HTML 5Page - Allegro MicroSystems 5616 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5616
2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating Voltage Range
V
DD
T
A
= +25
°C
4.5
—
—
V
Zener Voltage
V
DD
I
DD
= 1.0 mA
5.5
—
6.8
V
Segment Output Current
I
OUT
V
DD
= 5.0 V, V
OUT
= 4.8 V
-20
—
—
µA
V
DD
= 5.0 V, V
OUT
= 0.2 V
120
—
—
µA
Backplane Output Current
I
OUT
V
DD
= 5.0 V, V
OUT
= 4.8 V
-80
—
—
µA
V
DD
= 5.0 V, V
OUT
= 0.2 V
240
—
—
µA
LCD Drive Signal
V
DISP
V
DD ≥
5.0 V
4.0
—
—
V
Input Current
I
IN
S1, S2, DATA, or SELECT
-55
—
-700
µA
Oscillator Frequency
f
OSC
—
4.194 304
—
MHz
Oscillator Starting Time
t
OSC
V
DD
= Zener voltage
—
—
200
ms
Oscillator Stability
∆f
OSC
∆V
DD
=
±100 mV
—
—
±1.0
ppM
Backplane Frequency
f
BP
—64
—
Hz
Switch Debounce Time
t
DB
0
—
62.5
ms
Osc. Feedback Resistance
R
OSC
—16
—
M
Ω
Osc. Input Capacitance
C
OSCI
—15
—
pF
Osc. Output Capacitance
C
OSCO
—30
—
pF
Supply Current
I
DD
V
DD
= 5.0 V
—
—
1.0
mA
NOTE: Negative current is defined as coming out of (sourcing) the specified device terminal.
ELECTRICAL CHARACTERISTICS at T
A = -40°C to +85°C, in Typical Application
(unless otherwise noted).
DISPLAY FORMAT
AM
PM
a1
a2
a3
a4
d1
d2
d3
d4
g1
g2
g3
g4
b2
b4
b1
b3
c1
c3
c2
c4
e1
e3
e2
e4
f2
f4
f3
COLON
Dwg. No. OC-001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com