Electronic Components Datasheet Search
  English  ▼

X  

5804 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5804
Description  BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5804 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5804 Datasheet HTML 1Page - Allegro MicroSystems 5804 Datasheet HTML 2Page - Allegro MicroSystems 5804 Datasheet HTML 3Page - Allegro MicroSystems 5804 Datasheet HTML 4Page - Allegro MicroSystems 5804 Datasheet HTML 5Page - Allegro MicroSystems 5804 Datasheet HTML 6Page - Allegro MicroSystems 5804 Datasheet HTML 7Page - Allegro MicroSystems 5804 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5804
BiMOS II UNIPOLAR
STEPPER-MOTOR
TRANSLATOR/DRIVER
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = 25°C, TJ ≤ 150°C, VDD = 4.5 V to 5.5 V
(unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 50 V
—
10
50
µA
Output Sustaining Voltage
VCE(sus)
IOUT = 1.25 A, L = 3 mH
35
—
—
V
Output Saturation Voltage
VCE(SAT)
IOUT = 700 mA
—
1.0
1.2
V
IOUT = 1 A
—
1.1
1.4
V
IOUT = 1.25 A
—
1.2
1.5
V
Clamp Diode Leakage Current
IR
VR = 50 V
—
10
50
µA
Clamp Diode Forward Voltage
VF
IF = 1.25 A
—
1.5
3.0
V
Input Current
IIN(1)
VIN = VDD
—0.5
5.0
µA
IIN(0)
VIN = 0.8 V
—
-0.5
-5.0
µA
Input Voltage
VIN(1)
VDD = 5 V
3.5
—
5.3
V
VIN(0)
-0.3
—
0.8
V
Supply Current
IDD
2 Outputs ON
—
20
30
mA
Turn-Off Delay
tON
50% Step Inputs to 50% Output
—
—
10
µs
Turn-On Delay
tOFF
50% Step Inputs to 50% Output
—
—
10
µs
Thermal Shutdown Temperature
TJ
—
165
—
°C
TIMING CONDITIONS
A. Minimum Data Set Up Time . . . . . . . . . . . . . . . . . . . . . . . . 100 ns
B. Minimum Data Hold Time . . . . . . . . . . . . . . . . . . . . . . . . . . 100 ns
C. Minimum Step Input Pulse Width . . . . . . . . . . . . . . . . . . . . . 3.0
µs
Dwg. W-110A
ONE PHASE
HALF STEP
OUTPUT A
OUTPUT B
OOUTPUT ENABLE
OUTPUT C
OUTPUT D
TWO -PHASE
HALF-STEP
WAVE DRIVE
OUTPUT
DISABLED
A
B
C
CLOCK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com