Electronic Components Datasheet Search
  English  ▼

X  

5833 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5833
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5833 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5833 Datasheet HTML 1Page - Allegro MicroSystems 5833 Datasheet HTML 2Page - Allegro MicroSystems 5833 Datasheet HTML 3Page - Allegro MicroSystems 5833 Datasheet HTML 4Page - Allegro MicroSystems 5833 Datasheet HTML 5Page - Allegro MicroSystems 5833 Datasheet HTML 6Page - Allegro MicroSystems 5833 Datasheet HTML 7Page - Allegro MicroSystems 5833 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Designed to reduce logic supply current, chip size, and system
cost, the UCN5833A/EP integrated circuits offer high-speed operation
for thermal printers. These devices can also be used to drive multi-
plexed LED displays or incandescent lamps within their 125 mA peak
output current rating. The combination of bipolar and MOS technolo-
gies gives BiMOS II smart power ICs an interface flexibility beyond the
reach of standard buffers and power driver circuits.
These 32-bit drivers have bipolar open-collector npn Darlington
outputs, a CMOS data latch for each of the drivers, a 32-bit CMOS
shift register, and CMOS control circuitry. The high-speed CMOS shift
registers and latches allow operation with most microprocessor-based
systems at data input rates above 3.3 MHz. Use of these drivers with
TTL may require input pull-up resistors to ensure an input logic high.
The UCN5833A is supplied in a 40-pin dual in-line plastic package
with 0.600" (15.24 mm) row spacing. At an ambient temperature of
+75
°C, all outputs of the DlP-packaged device will sustain 50 mA
continuously. For high-density applications, the UCN5833EP is
available. This 44-lead plastic chip carrier (quad pack) is intended
for surface-mounting on solder lands with 0.050" (1.27 mm) centers.
CMOS serial data outputs permit cascading for applications requiring
additional drive lines.
FEATURES
I To 3.3 MHz Data Input Rate
I 30 V Minimum Output Breakdown
I Darlington Current-Sink Outputs
I Low-Power CMOS Logic and Latches
BiMOS II 32-BIT SERIAL-INPUT,
LATCHED DRIVER
UCN5833EP
ABSOLUTE MAXIMUM RATINGS
at +25
°C Free-Air Temperature
Output Voltage, VOUT . . . . . . . . . . . 30 V
Logic Supply Voltage, VDD . . . . . . . 7.0 V
Input Voltage Range,
VIN . . . . . . . . . -0.3 V to VDD + 0.3 V
Continuous Output Current,
lOUT (each output) . . . . . . . . . . 125 mA
Package Power Dissipation, PD
(UCN5833A) . . . . . . . . . . . . . . . 3.5 W*
(UCN5833EP) . . . . . . . . . . . . . . 2.5 W*
Operating Temperature Range,
TA . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . -55°C to +150°C
* Derate linearly to 0 W at +150
°C.
Caution: CMOS devices have input static protection
but are susceptible to damage when exposed to
extremely high static electrical charges.
Always order by complete part number:
Part Number
Package
UCN5833A
40-Pin DIP
UCN5833EP
44-Lead PLCC
Dwg. No. A-13,049
7
8
9
10
11
12
13
14
15
16
17
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
OUT 9
OUT
OUT
10
OUT11
12
38
39
37
36
35
34
33
32
31
30
29
OUT31
OUT30
OUT29
OUT28
OUT27
OUT26
OUT25
OUT24
OUT23
OUT22
OUT21
SUB
5833


Similar Part No. - 5833

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
58330-1 TEC-58330-1 Datasheet
134Kb / 5P
Crimping Die Assemblies
58336-1 TEC-58336-1 Datasheet
628Kb / 6P
AMPMODU MTE Interconnect System
03/2011
58336-1 TEC-58336-1 Datasheet
631Kb / 6P
AMPMODU MTE Interconnect System
58338-1 TEC-58338-1 Datasheet
628Kb / 6P
AMPMODU MTE Interconnect System
03/2011
58338-1 TEC-58338-1 Datasheet
631Kb / 6P
AMPMODU MTE Interconnect System
More results

Similar Description - 5833

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com