Electronic Components Datasheet Search
  English  ▼

X  

5833 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5833
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5833 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5833 Datasheet HTML 1Page - Allegro MicroSystems 5833 Datasheet HTML 2Page - Allegro MicroSystems 5833 Datasheet HTML 3Page - Allegro MicroSystems 5833 Datasheet HTML 4Page - Allegro MicroSystems 5833 Datasheet HTML 5Page - Allegro MicroSystems 5833 Datasheet HTML 6Page - Allegro MicroSystems 5833 Datasheet HTML 7Page - Allegro MicroSystems 5833 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5833
BiMOS II 32-BIT
SERIAL-INPUT,
LATCHED DRIVER
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output
Output Contents
Data
Clock
Data
Strobe
Enable
Input
Input I1
I2
I3
...
IN-1 IN
Output
Input
I1
I2
I3
...
IN-1 IN
Input
I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
HP1 P2 P3 ... PN-1 PN
X
X
X
...
X
X
L
H
H
H
... H
H
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
DD
= 5 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Max.
Units
Output Leakage Current
I
CEX
V
OUT
= 30 V, T
A
= 70
°C—
10
µA
Collector-Emitter
V
CE(SAT)
l
OUT
= 50 mA
—
1.2
V
l
OUT
= 100 mA
—
1.7
V
Input Voltage
V
IN(1)
3.5
5.3
V
V
IN(0)
-0.3
+0.8
V
Input Current
l
IN(1)
V
IN
= 5.0 V
—
1.0
µA
l
IN(0)
V
IN
= 0 V
—
-1.0
µA
Serial Output Voltage
V
OUT(1)
I
OUT
= -200
µA
4.5
—
V
V
OUT(0)
I
OUT
= 200
µA
—
0.3
V
Supply Current
l
DD
One output ON, l
OUT
= 100 mA
—
1.0
mA
All outputs OFF
—
50
µA
Output Rise Time
t
r
l
OUT
= 100 mA, 10% to 90%
—
500
ns
Output Fall Time
t
f
l
OUT
= 100 mA, 90% to 10%
—
500
ns
NOTE: Positive (negative) current is defined as going into (coming out of) the specified device pin.
Saturation Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com