Electronic Components Datasheet Search
  English  ▼

X  

5841 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5841
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5841 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5841 Datasheet HTML 1Page - Allegro MicroSystems 5841 Datasheet HTML 2Page - Allegro MicroSystems 5841 Datasheet HTML 3Page - Allegro MicroSystems 5841 Datasheet HTML 4Page - Allegro MicroSystems 5841 Datasheet HTML 5Page - Allegro MicroSystems 5841 Datasheet HTML 6Page - Allegro MicroSystems 5841 Datasheet HTML 7Page - Allegro MicroSystems 5841 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The merging of low-power CMOS logic and bipolar output power
drivers permit the UCN5841/42A, UCN5841/42LW, and A5841/42SLW
integrated circuits to be used in a wide variety of peripheral power
driver applications. Each device has an eight-bit CMOS shift register
and CMOS control circuitry, eight CMOS data latches, and eight bipolar
current-sinking Darlington output drivers. The 500 mA npn Darlington
outputs, with integral transient-suppression diodes, are suitable for use
with relays, solenoids, and other inductive loads. Except for packaging
and the maximum driver output voltage ratings, the UCN5841A,
UCN5841LW, A5841SLW, UCN5842A, UCN5842LW, and A5842SLW
are identical. All package variations of the 5842 offer premium perfor-
mance with a minimum output-breakdown voltage rating of 80 V (50 V
sustaining). All drivers can be operated with a split supply where the
negative supply is up to -20 V.
BiMOS II devices have higher data-input rates than the earlier
BiMOS circuits. With a 5 V logic supply, they will typically operate at
better than 5 MHz. With a 12 V supply, significantly higher speeds are
obtained. The CMOS inputs are compatible with standard CMOS and
NMOS logic levels. TTL circuits may require the use of appropriate
pull-up resistors. By using the serial data output, drivers can be
cascaded for interface applications requiring additional drive lines.
The UCN584xA devices are furnished in a standard 18-pin plastic
DIP; the UCN584xLW devices are in an 18-lead surface-mountable
wide-body SOIC package; the A584xSLW devices are provided in a 20-
lead wide-body SOIC package with improved thermal characteristics.
The A5841SLW and UCN5841LW drivers are also available for
operation to a temperature of -40
°C. To order, change the suffix from
‘SLW’ to ‘ELW’, or change the prefix from ‘UCN’ to ‘UCQ’.
FEATURES
I To 3.3 MHz Data-Input Rate
I CMOS, NMOS, TTL Compatible Inputs
I Internal Pull-Up/Pull-Down Resistors
I Low-Power CMOS Logic and Latches,
I High-Voltage Current-Sink Outputs
I Output Transient-Protection Diodes
I Single or Split Supply Operation
I DIP or SOIC Packaging
I Automotive Capable
BiMOS II 8-BIT SERIAL-INPUT,
LATCHED DRIVERS
Always order by complete part number, e.g.,
A5841SLW .
5841 AND
5842
SUB
VEE
2
3
4
5
6
7
8
SERIAL
DATA OUT
SERIAL
DATA IN
OUTPUT
ENABLE
LOGIC
SUPPLY
STROBE
LOGIC
GROUND
CLOCK
CLK
VDD
ST
OE
1
12
13
14
15
16
17
18
OUT 1
OUT2
OUT 3
OUT8
OUT7
OUT6
OUT5
OUT4
9
SUB
10
11
Dwg. PP-026-1
K
VEE
UCN5841A & UCN5842A
Note that the UCN584xA (dual in-line package) and
UCN584xLW (small-outline IC package) are electrically
identical and share a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
at 25
°C Free-Air Temperature
Output Voltage, VCE
(5841) . . . . . . . . . . . . . . . . . . . . . .
50 V
(5842) . . . . . . . . . . . . . . . . . . . . . .
80 V
Output Voltage, VCE(sus)
(5841) . . . . . . . . . . . . . . . . . . . . .
35 V†
(5842) . . . . . . . . . . . . . . . . . . . . .
50 V†
Logic Supply Voltage Range,
VDD . . . . . . . . . . . . . . . . 4.5 V to 15 V
VDD with Reference to VEE . . . . . 25 V
Emitter Supply Voltage, VEE . . . . . . .
-20 V
Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VDD + 0.3 V
Continuous Output Current,
IOUT . . . . . . . . . . . . . . . . . . . .
500 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . .
-20
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . .
-55
°C to +150°C
†For inductive load applications.
Caution: CMOS devices have input static protection
but are susceptible to damage when exposed to
extremely high static electrical charges.


Similar Part No. - 5841

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
58411 ALPHAWIRE-58411 Datasheet
72Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
58412 ALPHAWIRE-58412 Datasheet
409Kb / 4P
22 (7/30) AWG BC
58413 ALPHAWIRE-58413 Datasheet
409Kb / 4P
22 (7/30) AWG BC
58414 ALPHAWIRE-58414 Datasheet
409Kb / 4P
22 (7/30) AWG BC
58415 ALPHAWIRE-58415 Datasheet
409Kb / 4P
22 (7/30) AWG BC
More results

Similar Description - 5841

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5800 ALLEGRO-5800 Datasheet
117Kb / 12P
BiMOS II LATCHED DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com