Electronic Components Datasheet Search
  English  ▼

X  

5841 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5841
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5841 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5841 Datasheet HTML 1Page - Allegro MicroSystems 5841 Datasheet HTML 2Page - Allegro MicroSystems 5841 Datasheet HTML 3Page - Allegro MicroSystems 5841 Datasheet HTML 4Page - Allegro MicroSystems 5841 Datasheet HTML 5Page - Allegro MicroSystems 5841 Datasheet HTML 6Page - Allegro MicroSystems 5841 Datasheet HTML 7Page - Allegro MicroSystems 5841 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5841 AND 5842
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL INPUT CIRCUITS
Dwg. EP-010-3
TIMING CONDITIONS
(TA = +25
°C, V
DD = 5.0 V, Logic Levels are VDD and Ground)
A. Minimum Data Active Time Before Clock Pulse
(Data Set-Up Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 ns
B. Minimum Data Active Time After Clock Pulse
(Data Hold Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 ns
C. Minimum Data Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 ns
D. Minimum Clock Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 ns
E. Minimum Time Between Clock Activation and Strobe . . . . . . . . . . . . 300 ns
F. Minimum Strobe Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 ns
G. Typical Time Between Strobe Activation and
Output Transition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.0
µs
Serial Data present at the input is transferred to the shift register
on the logic “0” to logic “1” transition of the CLOCK input pulse. On
succeeding CLOCK pulses, the registers shift data information towards
the SERIAL DATA OUTPUT. The SERIAL DATA must appear at the
input prior to the rising edge of the CLOCK input waveform.
Information present at any register is transferred to its respective
latch when the STROBE is high (serial-to-parallel conversion). The
latches will continue to accept new data as long as the STROBE is held
high. Applications where the latches are bypassed (STROBE tied high)
will require that the ENABLE input be high during serial data entry.
When the ENABLE input is high, all of the output buffers are
disabled (OFF) without affecting the information stored in the latches or
shift register. With the ENABLE input low, the outputs are controlled by
the state of the latches.
IN
V
DD
A
D
B
C
E
F
CLOCK
DATA IN
STROBE
OUTPUT
ENABLE
OUTN
G
Dwg. No. A-12,627
TYPICAL OUTPUT DRIVER
V
DD
Dwg. EP-010-4A
CLOCK
SERIAL
DATA IN
Dwg. EP-021-8
OUT
K
V
EE
SUB
STROBE
OUTPUT
ENABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com