Electronic Components Datasheet Search
  English  ▼

X  

ADS8320EB Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8320EB
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8320EB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8320EB Datasheet HTML 3Page - Texas Instruments ADS8320EB Datasheet HTML 4Page - Texas Instruments ADS8320EB Datasheet HTML 5Page - Texas Instruments ADS8320EB Datasheet HTML 6Page - Texas Instruments ADS8320EB Datasheet HTML 7Page - Texas Instruments ADS8320EB Datasheet HTML 8Page - Texas Instruments ADS8320EB Datasheet HTML 9Page - Texas Instruments ADS8320EB Datasheet HTML 10Page - Texas Instruments ADS8320EB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADS8320
7
SBAS108D
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
TOTAL HARMONIC DISTORTION vs FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
10
100
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION) vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
50
100
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION) vs INPUT LEVEL
90
80
70
60
50
40
30
20
–40
–35
–30
–25
–20
–15
–10
–50
Input Level (dB)
REFERENCE CURRENT vs SAMPLE RATE
70
60
50
40
30
20
10
0
0
20
40
60
80
100
Sample Rate (kHz)
5V
2.7V
REFERENCE CURRENT vs TEMPERATURE
70
60
50
40
30
20
10
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
2.7V
SPURIOUS-FREE DYNAMIC RANGE AND
SIGNAL-TO-NOISE RATIO vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
100
50
Frequency (kHz)
Signal-to-Noise Ratio
Spurious-Free Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com