Electronic Components Datasheet Search
  English  ▼

X  

ADS8320EB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS8320EB
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8320EB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8320EB Datasheet HTML 9Page - Texas Instruments ADS8320EB Datasheet HTML 10Page - Texas Instruments ADS8320EB Datasheet HTML 11Page - Texas Instruments ADS8320EB Datasheet HTML 12Page - Texas Instruments ADS8320EB Datasheet HTML 13Page - Texas Instruments ADS8320EB Datasheet HTML 14Page - Texas Instruments ADS8320EB Datasheet HTML 15Page - Texas Instruments ADS8320EB Datasheet HTML 16Page - Texas Instruments ADS8320EB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ADS8320
13
SBAS108D
www.ti.com
The basic SAR architecture is sensitive to spikes on the
power supply, reference, and ground connections that occur
just prior to latching the comparator output. Thus, during
any single conversion for an n-bit SAR converter, there are
n “windows” in which large external transient voltages can
easily affect the conversion result. Such spikes might origi-
nate from switching power supplies, digital logic, and high
power devices, to name a few. This particular source of error
can be very difficult to track down if the glitch is almost
synchronous to the converter DCLOCK signal—as the phase
difference between the two changes with time and tempera-
ture, causing sporadic misoperation.
With this in mind, power to the ADS8320 should be clean
and well bypassed. A 0.1
µF ceramic bypass capacitor should
be placed as close to the ADS8320 package as possible. In
addition, a 1
µF to 10µF capacitor and a 5Ω or 10Ω series
resistor may be used to low-pass filter a noisy supply.
The reference should be similarly bypassed with a 0.1
µF
capacitor. Again, a series resistor and large capacitor can be
used to low-pass filter the reference voltage. If the reference
voltage originates from an op amp, be careful that the op
amp can drive the bypass capacitor without oscillation (the
series resistor can help in this case). Keep in mind that while
the ADS8320 draws very little current from the reference on
average, there are still instantaneous current demands placed
on the external input and reference circuitry.
Texas Instruments' OPA627 op amp provides optimum
performance for buffering both the signal and reference
inputs. For low-cost, low-voltage, single-supply applica-
tions, the OPA2350 or OPA2340 dual op amps are recom-
mended.
Also, keep in mind that the ADS8320 offers no inherent
rejection of noise or voltage variation in regards to the
reference input. This is of particular concern when the
reference input is tied to the power supply. Any noise and
ripple from the supply will appear directly in the digital
results. While high-frequency noise can be filtered out as
described in the previous paragraph, voltage variation due to
the line frequency (50Hz or 60Hz), can be difficult to
remove.
The GND pin on the ADS8320 should be placed on a clean
ground point. In many cases, this will be the “analog”
ground. Avoid connecting the GND pin too close to the
grounding point for a microprocessor, microcontroller, or
digital signal processor. If needed, run a ground trace di-
rectly from the converter to the power-supply connection
point. The ideal layout includes an analog ground plane for
the converter and associated analog circuitry.
APPLICATION CIRCUITS
Figure 8 shows a basic data acquisition system. The ADS8320
input range is 0V to VCC, as the reference input is connected
directly to the power supply. The 5
Ω resistor and 1µF to
10
µF capacitor filter the microcontroller “noise” on the
supply, as well as any high-frequency noise from the supply
itself. The exact values should be picked such that the filter
provides adequate rejection of the noise.
FIGURE 8. Basic Data Acquisition System.
ADS8320
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
–In
GND
+
+
5
Ω
1
µF to
10
µF
1
µF to
10
µF
0.1
µF
Microcontroller
+2.7V to +5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com