Electronic Components Datasheet Search
  English  ▼

X  

MP1586EN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1586EN
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586EN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1586EN Datasheet HTML 2Page - Monolithic Power Systems MP1586EN Datasheet HTML 3Page - Monolithic Power Systems MP1586EN Datasheet HTML 4Page - Monolithic Power Systems MP1586EN Datasheet HTML 5Page - Monolithic Power Systems MP1586EN Datasheet HTML 6Page - Monolithic Power Systems MP1586EN Datasheet HTML 7Page - Monolithic Power Systems MP1586EN Datasheet HTML 8Page - Monolithic Power Systems MP1586EN Datasheet HTML 9Page - Monolithic Power Systems MP1586EN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
6
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT=5V, FSW=250kHz, C1 = 10µF, C2 = 2×22µF, L1 = 22µH, and TA = +25°C, unless
otherwise noted.
VOUT/AC
10mV/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
1A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT/AC
10mV/div.
VSW
10V/div.
IL
1A/div.
VOUT/AC
10mV/div.
VSW
10V/div.
IL
2A/div.
Steady State
IOUT =0.1A
Steady State
IOUT =1A
Steady State
IOUT =3A
EN Startup
IOUT =0.1A
EN Startup
IOUT =1A
EN Startup
IOUT =3A
EN Shut Down
IOUT =0.1A
EN Shut Down
IOUT =1A
EN Shut Down
IOUT =3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com