Electronic Components Datasheet Search
  English  ▼

X  

MP1586EN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1586EN
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586EN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1586EN Datasheet HTML 3Page - Monolithic Power Systems MP1586EN Datasheet HTML 4Page - Monolithic Power Systems MP1586EN Datasheet HTML 5Page - Monolithic Power Systems MP1586EN Datasheet HTML 6Page - Monolithic Power Systems MP1586EN Datasheet HTML 7Page - Monolithic Power Systems MP1586EN Datasheet HTML 8Page - Monolithic Power Systems MP1586EN Datasheet HTML 9Page - Monolithic Power Systems MP1586EN Datasheet HTML 10Page - Monolithic Power Systems MP1586EN Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
7
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
--
+
--
+
1.5ms SS
Gm Error Amp
SS
2.6V
5V
ISW
COMP
ISW
VIN
BST
SW
GND
FREQ
COMP
FB
EN
SS
0V8
REFERENCE UVLO/
THERMAL
SHUTDOWN
INTERNAL
REGULATORS
OSCILLATOR
--
+
SW
--
+
Level
Shift
CLK
VOUT
VIN
VOUT
Figure 1—Function Block Diagram
OPERATION
The MP1586 is a non-synchronous, step-down
switching regulator with an integrated high-side
high voltage power MOSFET. It provides a
highly efficient solution with current mode
control for fast loop response and easy
compensation. It features a wide input voltage
range, internal soft-start control and precision
current limiting. Its very low operational
quiescent current makes it suitable for battery
powered applications.
PWM Control
At moderate to high output current, the MP1586
operates in a fixed frequency, peak current
control mode to regulate the output voltage. A
PWM cycle is initiated by the internal clock. The
power MOSFET is turned on and remains on
until its current reaches the value set by the
COMP voltage. When the power switch is off, it
remains off for at least 100ns before the next
cycle starts. If, in one PWM period, the current
in the power MOSFET does not reach the
COMP set current value, the power MOSFET
remains on, saving a turn-off operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com