Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
INA226
www.ti.com
SBOS547
– JUNE 2011
Simple Current Shunt Monitor Usage
(No Programming Necessary)
The INA226 can be used without any programming if it is only necessary to read a shunt voltage drop and bus
voltage with the default power-on reset configuration and continuous conversion of shunt and bus voltage.
Without programming the INA226 Calibration Register, the device is unable to provide either a valid current or
power value, because these outputs are both derived using the values loaded into the Calibration Register.
Default INA226 Settings
The default power-up states of the registers are shown in the INA226 Register Descriptions section of this data
sheet. These registers are volatile, and if programmed to a value other than the default values shown in Table 2,
they must be re-programmed at every device power-up. Detailed information on programming the Calibration
Register specifically is given in the Configure/Measure/Calculate Example section and calculated based on
Equation 1.
REGISTER INFORMATION
The INA226 uses a bank of registers for holding configuration settings, measurement results, minimum/maximum
limits, and status information. Table 2 summarizes the INA226 registers; refer to Figure 1 for an illustration of the
registers.
Table 2. Summary of Register Set
POINTER
ADDRESS
POWER-ON RESET
HEX
REGISTER NAME
FUNCTION
BINARY
HEX
TYPE(1)
All-register reset, shunt voltage and bus
0
Configuration Register
voltage ADC conversion times and
01000001 00100111
4127
R/W
averaging, operating mode.
1
Shunt Voltage
Shunt voltage measurement data.
00000000 00000000
0000
R
2
Bus Voltage
Bus voltage measurement data.
00000000 00000000
0000
R
Contains the value of the calculated
3
Power(2)
00000000 00000000
0000
R
power being delivered to the load.
Contains the value of the calculated
4
Current(2)
current flowing through the shunt
00000000 00000000
0000
R
resistor.
Sets full-scale range and LSB of current
5
Calibration
and power measurements. Overall
00000000 00000000
0000
R/W
system calibration.
Alert configuration and conversion ready
6
Mask/Enable
00000000 00000000
0000
R/W
flag.
Contains the limit value to compare to
7
Alert Limit
00000000 00000000
0000
R/W
the selected Alert function.
Contains unique die identification
FF
Die ID
ASCII
ASCII
R
number.
(1)
Type: R = Read-Only, R/W = Read/Write.
(2)
The Current Register defaults to
'0' because the Calibration Register defaults to '0', yielding a zero current and power value until the
Calibration Register is programmed.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com