Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA210 Datasheet(HTML) 3 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
INA226
www.ti.com
SBOS547
– JUNE 2011
ELECTRICAL CHARACTERISTICS: VS = +3.3V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VIN+ = 12V, VSENSE = (VIN+ – VIN–) = 0mV, VBUS = 12V, unless otherwise noted.
INA226
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Shunt voltage input range
-81.9175
81.92
mV
Bus voltage input range(1)
0
36
V
Common-mode rejection
CMRR
VIN+ = 0V to +36V
126
140
dB
Shunt offset voltage, RTI(2)
VOS
±2.5
±10
μV
vs Temperature
0.02
0.1
μV/°C
vs Power supply
PSRR
VS = +2.7V to +5.5V
2.5
μV/V
Bus offset voltage, RTI(2)
VOS
±1.25
±7.5
mV
vs Temperature
10
40
μV/°C
vs Power supply
PSRR
0.5
mV/V
Input bias current
IIN+, IIN-
10
μA
VBUS input impedance
830
k
Ω
(VIN+ Pin) + (VIN
– Pin),
Input leakage(3)
0.1
0.5
μA
Power-down mode
DC ACCURACY
ADC native resolution
16
Bits
1 LSB step size
Shunt voltage
2.5
μV
Bus voltage
1.25
mV
Shunt voltage gain error
0.02
0.1
%
vs Temperature
10
50
ppm/
°C
Bus voltage gain error
0.02
0.1
%
vs Temperature
10
50
ppm/
°C
Differential nonlinearity
±0.1
LSB
ADC conversion time
CT bit = 000
140
154
μs
CT bit = 001
204
224
μs
CT bit = 010
332
365
μs
CT bit = 011
588
646
μs
CT bit = 100
1.1
1.21
ms
CT bit = 101
2.116
2.328
ms
CT bit = 110
4.156
4.572
ms
CT bit = 111
8.244
9.068
ms
SMBus
SMBus timeout(4)
28
35
ms
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
Leakage input current
0
≤ VIN ≤ VS
0.1
1
μA
Input logic levels:
VIH
0.7(VS)
6
V
VIL
–0.5
0.3(VS)
V
Output logic level
VOL SDA, alert
IOL = 3mA
0
0.4
V
Hysteresis
500
mV
(1)
While the input range is 36V, the full-scale range of the ADC scaling is 40.96V. See the Basic ADC Functions section. Do not apply
more than 36V.
(2)
RTI = Referred-to-input.
(3)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of this table. Negative leakage currents can
occur under different input conditions.
(4)
SMBus timeout in the INA226 resets the interface any time SCL is low for more than 28ms.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com