Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 5 Page - Texas Instruments

Part # LF355
Description  LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF355 Datasheet(HTML) 5 Page - Texas Instruments

  LF355 Datasheet HTML 1Page - Texas Instruments LF355 Datasheet HTML 2Page - Texas Instruments LF355 Datasheet HTML 3Page - Texas Instruments LF355 Datasheet HTML 4Page - Texas Instruments LF355 Datasheet HTML 5Page - Texas Instruments LF355 Datasheet HTML 6Page - Texas Instruments LF355 Datasheet HTML 7Page - Texas Instruments LF355 Datasheet HTML 8Page - Texas Instruments LF355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
www.ti.com
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
AC Electrical Characteristics
TA = TJ = 25°C, VS = ±15V
LF155/355
LF156/256/
LF156/256/356/
LF257/357
356B
LF356B
Symbol
Parameter
Conditions
Units
Typ
Min
Typ
Typ
SR
Slew Rate
LF155/6: AV=1,
5
7.5
12
V/
μs
LF357: AV=5
50
V/
μs
GBW
Gain Bandwidth Product
2.5
5
20
MHz
ts
Settling Time to 0.01%
(1)
4
1.5
1.5
μs
en
Equivalent Input Noise
RS=100Ω
Voltage
f=100 Hz
25
15
15
nV/
√Hz
f=1000 Hz
20
12
12
nV/
√Hz
in
Equivalent Input Current
f=100 Hz
0.01
0.01
0.01
pA/
√Hz
Noise
f=1000 Hz
0.01
0.01
0.01
pA/
√Hz
CIN
Input Capacitance
3
3
3
pF
(1)
Settling time is defined here, for a unity gain inverter connection using 2 k
Ω resistors for the LF155/6. It is the time required for the error
voltage (the voltage at the inverting input pin on the amplifier) to settle to within 0.01% of its final value from the time a 10V step input is
applied to the inverter. For the LF357, AV = −5, the feedback resistor from output to input is 2kΩ and the output step is 10V (See Settling
Time Test Circuit).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LF155 LF156 LF355 LF356 LF357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com