Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 19 Page - Texas Instruments

Part # LF355
Description  LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF355 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LF355 Datasheet HTML 15Page - Texas Instruments LF355 Datasheet HTML 16Page - Texas Instruments LF355 Datasheet HTML 17Page - Texas Instruments LF355 Datasheet HTML 18Page - Texas Instruments LF355 Datasheet HTML 19Page - Texas Instruments LF355 Datasheet HTML 20Page - Texas Instruments LF355 Datasheet HTML 21Page - Texas Instruments LF355 Datasheet HTML 22Page - Texas Instruments LF355 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
www.ti.com
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
R1, R4 matched. Linearity 0.1% over 2 decades.
Figure 49. Decades VCO
Figure 50. Isolating Large Capacitive Loads
•
Overshoot 6%
•
ts 10μs
•
When driving large CL, the VOUT slew rate determined by CL and IOUT(MAX):
Figure 51. Low Drift Peak Detector
•
By adding D1 and Rf, VD1=0 during hold mode. Leakage of D2 provided by feedback path through Rf.
•
Leakage of circuit is essentially Ib (LF155, LF156) plus capacitor leakage of Cp.
•
Diode D3 clamps VOUT (A1) to VIN−VD3 to improve speed and to limit reverse bias of D2.
•
Maximum input frequency should be << ½
πRfCD2 where CD2 is the shunt capacitance of D2.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LF155 LF156 LF355 LF356 LF357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com