Electronic Components Datasheet Search
  English  ▼

X  

8181 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8181
Description  LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8181 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8181 Datasheet HTML 1Page - Allegro MicroSystems 8181 Datasheet HTML 2Page - Allegro MicroSystems 8181 Datasheet HTML 3Page - Allegro MicroSystems 8181 Datasheet HTML 4Page - Allegro MicroSystems 8181 Datasheet HTML 5Page - Allegro MicroSystems 8181 Datasheet HTML 6Page - Allegro MicroSystems 8181 Datasheet HTML 7Page - Allegro MicroSystems 8181 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8181
LOW-DROPOUT,
5 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Maximum Allowable Output Current in Milliamperes with VI = 10 V, TJ = 150°C*
dc (Duty Cycle)
TA
100%
90%
80%
70%
60%
50%
40%
30%
20%
25
°C
370
415
465
530
620
745
930
1000
1000
50
°C
295
330
370
425
495
595
745
995
1000
70
°C
235
265
295
340
395
475
595
795
1000
85
°C
190
215
240
275
320
385
485
645
970
*IO = (TJ - TA)/([VI - VO] RθJA • dc) = (150 - TA)/(5 • 67 • dc)
Output current rating can be increased (to 1 A maximum) by heat sinking or reducing the input voltage. With an infinite heat sink, R-JA = R-JT =
6
°C/W. Conditions that produce excessive junction temperature will activate device thermal shutdown circuitry. These conditions can be tolerated
but should be avoided.
FUNCTIONAL BLOCK DIAGRAM
12-13
Dwg. FS-012
BIAS
DRIVE
BANDGAP
REF.
ERROR
AMP
4-5
IN
ENABLE
OUT
IN
OUT
7
8
15
16
6
MAXIMUM ALLOWABLE OUTPUT CURRENT with device mounted on 2.24" x 2.24"
(56.9 mm x 56.9 mm) solder-coated copper-clad board in still air.
W
Copyright © 1992, 1995 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com