Electronic Components Datasheet Search
  English  ▼

X  

8181 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8181
Description  LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8181 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8181 Datasheet HTML 1Page - Allegro MicroSystems 8181 Datasheet HTML 2Page - Allegro MicroSystems 8181 Datasheet HTML 3Page - Allegro MicroSystems 8181 Datasheet HTML 4Page - Allegro MicroSystems 8181 Datasheet HTML 5Page - Allegro MicroSystems 8181 Datasheet HTML 6Page - Allegro MicroSystems 8181 Datasheet HTML 7Page - Allegro MicroSystems 8181 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8181
LOW-DROPOUT,
5 V REGULATOR
ELECTRICAL CHARACTERISTICS at TA +25°C (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
VO
TA = 25
°C, 5.5 V ≤ V
I
≤ 10 V,
4.90
5.00
5.10
V
0 mA
≤ I
O
≤ 500 mA†
TA = 85
°C, 5.5 V ≤ V
I
≤ 10 V,
4.85
—
5.15
V
0 mA
≤ I
O
≤ 500 mA*†
Output Volt. Temp. Coeff.
α
VO
IO = 0
—
±100
—
µV/°C
Line Regulation
∆V
O(
∆VI)
5.5 V
≤ V
I
≤ 10 V, Output open
—
10
30
mV
Load Regulation
∆V
O(
∆IO)
0 mA
≤ I
O
≤ 500 mA†, V
I = 6 V
—
40
100
mV
Dropout Voltage
VImin - VO
IO = 500 mA†
—
—
300
mV
Quiescent Current
IQ
VI = 10 V, IO = 500 mA†
—
87
120
µA
VI = 10 V, Output open
—
86
120
µA
IQ(off)
VI = 10 V, Output open, VE = 0.4 V
—
—
20
µA
ENABLE Input Voltage
VEH
Output ON, VI = 10 V
2.4
—
—
V
VEL
Output OFF, VI = 10 V
—
—
0.4
V
ENABLE Input Current
IE
VE = VI = 10 V
—
—
±0.1
µA
Thermal Shutdown Temp.
TJ
—
165
—
°C
Thermal Resistance
RθJA
Mounted on 2.24" x 2.24" solder-coated
—
67
—
°C/W
copper-clad board in still air
RθJT
—
6.0
—
°C/W
Typical values are given for circuit design information only.
* This parameter is tested to a lot sample plan only.
† Pulse test (<20 ms).
(GND terminal current)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com