Electronic Components Datasheet Search
  English  ▼

X  

8182 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 8182
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8182 Datasheet(HTML) 8 Page - Allegro MicroSystems

  8182 Datasheet HTML 1Page - Allegro MicroSystems 8182 Datasheet HTML 2Page - Allegro MicroSystems 8182 Datasheet HTML 3Page - Allegro MicroSystems 8182 Datasheet HTML 4Page - Allegro MicroSystems 8182 Datasheet HTML 5Page - Allegro MicroSystems 8182 Datasheet HTML 6Page - Allegro MicroSystems 8182 Datasheet HTML 7Page - Allegro MicroSystems 8182 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8182
LOW-DROPOUT,
3 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
NOTES:
1. Lead spacing tolerance is non-cumulative.
2. Exact body and lead configuration at vendor’s option within limits shown.
Dimensions in Inches
(Based on 1 mm = 0.03937”)
Dimensions in Millimeters
0
° TO 8°
0.1968
0.1890
0.2440
0.2284
0.050
0.016
Dwg. MA-007-8 in
0.050
BSC
0.0098
0.0075
8
1
0.1574
0.1497
0.020
0.013
0.0688
0.0532
0.0040 MIN.
0
° TO 8°
5.00
4.80
6.20
5.80
1.27
0.40
Dwg. MA-007-8 mm
1.27
BSC
0.25
0.19
8
1
4.00
3.80
0.51
0.33
1.75
1.35
0.10 MIN.
Allegro MicroSystems, Inc. reserves the right to make, from
time to time, such departures from the detail specifications as
may be required to permit improvements in the design of its
products. Components made under military approvals will be in
accordance with the approval requirements.
The information included herein is believed to be accurate
and reliable. However, Allegro MicroSystems, Inc. assumes no
responsibility for its use; nor for any infringements of patents or
other rights of third parties which may result from its use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com