Electronic Components Datasheet Search
  English  ▼

X  

8182 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8182
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8182 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8182 Datasheet HTML 1Page - Allegro MicroSystems 8182 Datasheet HTML 2Page - Allegro MicroSystems 8182 Datasheet HTML 3Page - Allegro MicroSystems 8182 Datasheet HTML 4Page - Allegro MicroSystems 8182 Datasheet HTML 5Page - Allegro MicroSystems 8182 Datasheet HTML 6Page - Allegro MicroSystems 8182 Datasheet HTML 7Page - Allegro MicroSystems 8182 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8182
LOW-DROPOUT,
3 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
MAXIMUM ALLOWABLE OUTPUT CURRENT with device mounted on 2.24" x 2.24"
(56.9 mm x 56.9 mm) solder-coated copper-clad board in still air.
Maximum Allowable Output Current in Milliamperes with V
I = 8 V, TJ = 150°C, Period ≤10 s*
dc (Duty Cycle)
T
A
100%
90%
80%
70%
60%
50%
40%
30%
20%
25
°C
150
150
150
150
150
150
150
150
150
50
°C
150
150
150
150
150
150
150
150
150
70
°C
145
150
150
150
150
150
150
150
150
85
°C
120
130
150
150
150
150
150
150
150
*I
O = (TJ - TA)/([VI - VO] R
θJA • dc) = (150 - TA)/(5 • 108 • dc)
Output current rating can be increased (to 150 mA maximum) by heat sinking or reducing the input voltage. Conditions that produce excessive
junction temperature will activate device thermal shutdown circuitry. These conditions can be tolerated but should be avoided.
Dwg. FS-012-2
BIAS
DRIVE
BANDGAP
REF.
ERROR
AMP
IN
ENABLE
OUT
IN
OUT
7
2
8
1
3
COMP
RESET
5
GND
4
6
1.23 V
–
+
For proper operation, terminals 1 and 8 should be externally connected together,
terminals 2 and 7 should be externally connected together.
FUNCTIONAL BLOCK DIAGRAM
W
Copyright © 1994 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com