Electronic Components Datasheet Search
  English  ▼

X  

8183 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8183
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8183 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8183 Datasheet HTML 1Page - Allegro MicroSystems 8183 Datasheet HTML 2Page - Allegro MicroSystems 8183 Datasheet HTML 3Page - Allegro MicroSystems 8183 Datasheet HTML 4Page - Allegro MicroSystems 8183 Datasheet HTML 5Page - Allegro MicroSystems 8183 Datasheet HTML 6Page - Allegro MicroSystems 8183 Datasheet HTML 7Page - Allegro MicroSystems 8183 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8183
LOW-DROPOUT,
3 V REGULA-
TOR
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
8183
Designed specifically to meet the requirement for extended opera-
tion of battery-powered equipment such as cordless and cellular
telephones, the A8183SLU voltage regulator offers the reduced dropout
voltage and quiescent current essential for maximum battery life.
Applicable also to palmtop computers and personal data assistants, the
device delivers a regulated, continuous 3 V output at up to 75 mA under
normal operating conditions, or to 150 mA (transient) under worst-case
conditions.
A PMOS pass element provides a typical dropout voltage of only
90 mV at 60 mA of load current. The low dropout voltage permits
deeper battery discharge before output regulation is lost. Furthermore,
quiescent current does not increase as the dropout voltage is ap-
proached, an ideal feature in standby/resume power systems where
data integrity is crucial. Regulator accuracy and excellent temperature
characteristics are provided by a bandgap reference. An ENABLE input
gives the designer complete control over power up, standby, or power
down.
This device is supplied in a 6-lead small-outline plastic package
(similar to the SOT-89/TO-243AA) for surface-mount applications. The
A8183SLU is rated for operation over a temperature range of -20
°C to
+85
°C.
FEATURES AND BENEFITS
s High Efficiency Provides Extended Battery Life
s 90 mV Typical Dropout Voltage at I
O = 60 mA
s 45
µA Typical Quiescent Current at V
I = 6 V
Less Than 1
µA “Sleep” Current
s Up to 150 mA Output Current
s CMOS-Compatible ON/OFF Control
For Power-Up, Standby, or Shutdown
s Internal Thermal Protection
s Surface-Mount Package
APPLICATIONS
s Cordless and Cellular Telephones
s Personal Data Assistants
s Personal Communicators
s Palmtop Computers
Dwg. PS-021
VR
2
3
1
6
4
SUB
5
SUB
LOW-DROPOUT, 3 V REGULATOR
— HIGH EFFICIENCY
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . .
10 V
Output Current, I
O . . . . . . . . .
150 mA*
Enable Input Voltage, V
E . . . . . . . . . .
V
I
Operating Temperature Range,
T
A . . . . . . . . . . . . .
-20
°C to +85°C
Junction Temperature, T
J . . .
+150
°C†
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +150°C
* Output current rating is limited by input voltage,
duty cycle, and ambient temperature. Under
any set of conditions, do not exceed a junction
temperature of +150
°C. See next page.
† Fault conditions that produce excessive junction
temperature will activate device thermal
shutdown circuitry. These conditions can be
tolerated but should be avoided.
Always order by complete part number:
A8183SLU
.


Similar Part No. - 8183

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8183020 FIBOX-8183020 Datasheet
66Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183025 FIBOX-8183025 Datasheet
61Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183030 FIBOX-8183030 Datasheet
64Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183031 FIBOX-8183031 Datasheet
61Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183032 FIBOX-8183032 Datasheet
67Kb / 3P
Cabinet, ABS, Smoked transparent door
11.01.2023
More results

Similar Description - 8183

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
8182 ALLEGRO-8182 Datasheet
111Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
1.5A High Efficiency Low Dropout Regulator
MIC38300 MICREL-MIC38300_10 Datasheet
574Kb / 12P
HELDO 3A High Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150_10 Datasheet
507Kb / 15P
HELDO짰 1.5A High Efficiency Low Dropout Regulator
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
3A High-Efficiency Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com