Electronic Components Datasheet Search
  English  ▼

X  

8183 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8183
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8183 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8183 Datasheet HTML 1Page - Allegro MicroSystems 8183 Datasheet HTML 2Page - Allegro MicroSystems 8183 Datasheet HTML 3Page - Allegro MicroSystems 8183 Datasheet HTML 4Page - Allegro MicroSystems 8183 Datasheet HTML 5Page - Allegro MicroSystems 8183 Datasheet HTML 6Page - Allegro MicroSystems 8183 Datasheet HTML 7Page - Allegro MicroSystems 8183 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8183
LOW-DROPOUT,
3 V REGULA-
TOR
ELECTRICAL CHARACTERISTICS at T
A = +25°C (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
4 V
≤ V
I ≤ 8 V,
T
A = +25°C
2.95
3.00
3.05
V
10
µA ≤ I
O ≤ 100 mA*
-20
°C ≤ T
A ≤ +85°C
2.90
3.00
3.10
V
V
I = 3 V, IO = 60 mA*, -20°C ≤ TA ≤ +85°C
2.70
—
—
V
Output Volt. Temp. Coeff.
α
VO
V
I = 6 V, IO = 10 mA
—
—
±1.0
mV/
°C
Line Regulation
∆V
O(
∆VI)
6 V
≤ V
I ≤ 8 V, IO = 1 mA
—
4.0
10
mV
4 V
≤ V
I ≤ 6 V, IO = 1 mA
—
9.5
18
mV
Load Regulation
∆V
O(
∆IO)
1 mA
≤ I
O ≤ 100 mA*, VI = 8 V
—
19
30
mV
1 mA
≤ I
O ≤ 100 mA*, VI = 6 V
—
14
25
mV
1 mA
≤ I
O ≤ 100 mA*, VI = 4 V
—
8.0
20
mV
Dropout Voltage
V
Imin - VO
I
O = 60 mA*
—
90
150
mV
I
O = 125 mA*
—
190
300
mV
Quiescent Current
I
Q
V
I = 6 V, 1 mA ≤ IO ≤ 100 mA*, VE ≥ 2.0 V
—
45
60
µA
(GND terminal current)
V
I = 8 V, 1 mA ≤ IO ≤ 100 mA*, VE ≥ 2.0 V
—
50
65
µA
I
Q(off)
4 V
≤ V
I ≤ 8 V, VE ≤ 0.8 V
—
—
1.0
µA
ENABLE Input Voltage
V
EH
4 V
≤ V
I ≤ 8 V,
Output ON
2.0
—
—
V
V
EL
-20
°C ≤ T
A ≤ +85°C
Output OFF
—
—
0.8
V
ENABLE Input Current
I
E
T
A ≤ +85°C, VE = VI = 8 V
—
—
±0.1
µA
Thermal Shutdown Temp.
T
J
150
—
—
°C
Thermal Resistance
RθJA
Mounted on 2.24" x 2.24" solder-coated
—
258
—
°C/W
copper-clad board in still air
Typical values are at T
A = +25°C and are given for circuit design information only.
* Pulse test (
≤20 ms). See previous page for duty cycle limitations.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com