Electronic Components Datasheet Search
  English  ▼

X  

8187 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8187
Description  LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8187 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8187 Datasheet HTML 1Page - Allegro MicroSystems 8187 Datasheet HTML 2Page - Allegro MicroSystems 8187 Datasheet HTML 3Page - Allegro MicroSystems 8187 Datasheet HTML 4Page - Allegro MicroSystems 8187 Datasheet HTML 5Page - Allegro MicroSystems 8187 Datasheet HTML 6Page - Allegro MicroSystems 8187 Datasheet HTML 7Page - Allegro MicroSystems 8187 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONLY
Designed specifically to meet the requirement for extended opera-
tion of battery-powered equipment such as cordless and cellular
telephones, the A8187SLT voltage regulator offers the reduced dropout
voltage and quiescent current essential for maximum battery life.
Applicable also to palmtop computers and personal data assistants, the
device delivers a regulated, continuous 3.3 V output at up to 75 mA
under normal operating conditions, or to 150 mA (transient) under
worst-case conditions.
A PMOS pass element provides a typical dropout voltage of only
85 mV at 60 mA of load current. The low dropout voltage permits
deeper battery discharge before output regulation is lost. Furthermore,
quiescent current does not increase as the dropout voltage is ap-
proached, an ideal feature in standby/resume power systems where
data integrity is crucial. Regulator accuracy and excellent temperature
characteristics are provided by a bandgap reference.
This device is supplied in a small-outline plastic transistor package
(SOT-89/TO-243AA) for surface-mount applications. The A8187SLT is
rated for operation over a temperature range of -20
°C to +85°C. A
similar device with an ENABLE input for control over sequential power
up, standby, or power down is the A8186SLU.
FEATURES AND BENEFITS
I High Efficiency Provides Extended Battery Life
I 85 mV Typical Dropout Voltage at I
O = 60 mA
I 45 µA Typical Quiescent Current at V
I = 6 V
I Up to 150 mA Output Current
I Internal Thermal Protection
I Surface-Mount Package
APPLICATIONS
I Cordless and Cellular Telephones
I Personal Data Assistants
I Personal Communicators
I Palmtop Computers
Dwg. PS-022-1
VR
3.3 V
2
3
1
LOW-DROPOUT, 3.3 V REGULATOR
— HIGH EFFICIENCY
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . .
10 V
Output Current, I
O . . . . . . . . .
150 mA*
Operating Temperature Range,
T
A . . . . . . . . . . . . .
-20
°C to +85°C
Junction Temperature, T
J . . .
+150
°C†
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +150°C
* Output current rating is limited by input voltage,
duty cycle, and ambient temperature. Under
any set of conditions, do not exceed a junction
temperature of +150
°C. See next page.
† Fault conditions that produce excessive junction
temperature will activate device thermal
shutdown circuitry. These conditions can be
tolerated but should be avoided.
Always order by complete part number:
A8187SLT
.
8187


Similar Part No. - 8187

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8187-1032-A RAF-8187-1032-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8187047 FESTO-8187047 Datasheet
126Kb / 2P
Pinch valve
8187048 FESTO-8187048 Datasheet
127Kb / 2P
Pinch valve
8187049 FESTO-8187049 Datasheet
128Kb / 2P
Pinch valve
8187050 FESTO-8187050 Datasheet
125Kb / 2P
Pinch valve
More results

Similar Description - 8187

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
8182 ALLEGRO-8182 Datasheet
111Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
3.3 V 300MA LOW DROPOUT REGULATOR
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
1 A, Low-Dropout, 3.3 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
High-Current, Low-Dropout, 3.3 V Regulator
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
3A High-Efficiency Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com