Electronic Components Datasheet Search
  English  ▼

X  

8187 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8187
Description  LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8187 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8187 Datasheet HTML 1Page - Allegro MicroSystems 8187 Datasheet HTML 2Page - Allegro MicroSystems 8187 Datasheet HTML 3Page - Allegro MicroSystems 8187 Datasheet HTML 4Page - Allegro MicroSystems 8187 Datasheet HTML 5Page - Allegro MicroSystems 8187 Datasheet HTML 6Page - Allegro MicroSystems 8187 Datasheet HTML 7Page - Allegro MicroSystems 8187 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8187
LOW-DROPOUT,
3.3 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL CHARACTERISTICS
LOAD REGULATION
LINE REGULATION
0
OUTPUT CURRENT in mA
Dwg. GP-052-6
25
50
100
150
75
T = -20
°C
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
125
V = 8 V
I
V = 4 V
I
V = 6 V
I
0
OUTPUT CURRENT in mA
Dwg. GP-052-7
25
50
100
150
75
T = 25
°C
2 V INTERVALS
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
125
V = 4 V
I
V = 8 V
I
2.0
Dwg. GP-053-7
3.0
4.0
6.0
8.0
5.0
T = 25
°C
50 mA INTERVALS
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
I
= 0 mA
O
INPUT VOLTAGE in VOLTS
7.0
I
= 100 mA
O
CAUTION:
Maximum allowable duty cycle will be significantly less than 100% at high temperatures, at high input voltages, or at high output currents.
See Maximum Allowable Output Current table.
2.0
Dwg. GP-053-6
3.0
4.0
6.0
8.0
5.0
T = -20
°C
50 mA INTERVALS
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
I
= 0 mA
O
I
= 100 mA
O
INPUT VOLTAGE in VOLTS
7.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com