Electronic Components Datasheet Search
  English  ▼

X  

MP2125 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2125
Description  Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2125 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2125 Datasheet HTML 2Page - Monolithic Power Systems MP2125 Datasheet HTML 3Page - Monolithic Power Systems MP2125 Datasheet HTML 4Page - Monolithic Power Systems MP2125 Datasheet HTML 5Page - Monolithic Power Systems MP2125 Datasheet HTML 6Page - Monolithic Power Systems MP2125 Datasheet HTML 7Page - Monolithic Power Systems MP2125 Datasheet HTML 8Page - Monolithic Power Systems MP2125 Datasheet HTML 9Page - Monolithic Power Systems MP2125 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP2125 – DUAL 1.5A, 1.2MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2125 Rev. 1.0
www.MonolithicPower.com
8
12/24/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
The MP2125 has two channels: channel 1 and
channel 2. The following formulates are used for
components selection of both channels.
Output Voltage Setting
The external resistor divider sets the output
voltage.
1
O U T
2
R
V
0 . 8
1
R
⎛⎞
=× +
⎜⎟
⎝⎠
Rt is recommended when output voltage is high,
as the Figure 2 shows.
R1
FB
Rt
R2
VOUT
Figure 2―Feedback Network
Table 1 lists the recommended resistor value for
common output voltages.
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT/
V
Rt/
kΩ
R1/
kΩ
R2/
kΩ
L1/
μH
C2/
μF
1.2
300
4.99
10
2.2
22
1.8V
243
4.99
4.02
3.3
22
2.5V
100
121
57.6
3.3
22
3.3V
100
121
39
3.3
22
Inductor Selection
A 1μH to 10μH inductor with DC current rating at
least 25% higher than the maximum load current
is recommended for most applications. For best
efficiency, the inductor DC resistance shall be
<200mΩ. See Table 2 for recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
Δ
×
−
×
=
Where ΔIL is inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, 1.5A.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Table 2—Suggested Inductors
Manufacturer
Part
Number
Inductance
(μH)
Dimensions
LxWxH
(mm
3)
Toko
D63CB#A916
CY-3R3M
3.3
6.3X6.2X3.5
Cooper
SD25-3R3
3.3
5.2X5.2X2.5
TDK
SLF7045T-
3R3M2R5-PF
3.3
7X7X4.5
Input Capacitor CIN Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their low ESR and small temperature coefficients.
For most applications, a 10μF capacitor is
sufficient.
Output Capacitor COUT Selection
The output capacitor keeps output voltage ripple
small and ensures regulation loop stable. The
output capacitor impedance shall be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended. For
forced PWM mode operation, the output ripple
ΔVOUT is approximately:
OUT
IN
OUT
OUT
ESR
IN
OSC
OSC
OUT
V(V
V
)
11
V(R
)
Vf
L
8 f
C
⋅
−
Δ=
+ ⋅
⋅⋅
⋅
For most applications, a 22μF capacitor is
sufficient.
Thermal Dissipation
Power dissipation shall be considered when
operates MP2125 at maximum 1.5A output
current. If the junction temperature rises above
150
°C, MP2125 will be shut down by internal
thermal protection circuitry.
The junction-to-ambient thermal resistance of the
14-pin QFN (3mm x 4mm) RΘJA is 50°C/W. The
maximum allowable power dissipation is about
1.6W when MP2125 is operating in a 70
°C
ambient temperature environment:
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com