Electronic Components Datasheet Search
  English  ▼

X  

MP2125 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2125
Description  Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2125 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2125 Datasheet HTML 2Page - Monolithic Power Systems MP2125 Datasheet HTML 3Page - Monolithic Power Systems MP2125 Datasheet HTML 4Page - Monolithic Power Systems MP2125 Datasheet HTML 5Page - Monolithic Power Systems MP2125 Datasheet HTML 6Page - Monolithic Power Systems MP2125 Datasheet HTML 7Page - Monolithic Power Systems MP2125 Datasheet HTML 8Page - Monolithic Power Systems MP2125 Datasheet HTML 9Page - Monolithic Power Systems MP2125 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP2125 – DUAL 1.5A, 1.2MHZ SYNCHRONOURS STEP-DOWN CONVERTER
MP2125 Rev. 1.0
www.MonolithicPower.com
9
12/24/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB Layout
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure3 for references.
The high current paths (GND, IN and SW) should
be placed very close to the device with short,
direct and wide traces. Input capacitors should
be placed as close as possible to the respective
IN and GND pins. The external feedback
resistors shall be placed next to the FB pins.
Keep the switching nodes SW short and away
from the feedback network.
R4
R3
C4
C2
FB1
PVIN1
R2
R1
C1
PVIN2
EN1
N/C
SW2
VIN2
GND1
2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
N/C
EN2
GND2
FB2
VIN1
SW1
L1
L2
C3
VIN1
VOUT1
GND
VIN2
VOUT2
GND
Top Layer
Bottom Layer
Figure 3 -PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com