Electronic Components Datasheet Search
  English  ▼

X  

MP2128 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2128
Description  2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2128 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2128 Datasheet HTML 1Page - Monolithic Power Systems MP2128 Datasheet HTML 2Page - Monolithic Power Systems MP2128 Datasheet HTML 3Page - Monolithic Power Systems MP2128 Datasheet HTML 4Page - Monolithic Power Systems MP2128 Datasheet HTML 5Page - Monolithic Power Systems MP2128 Datasheet HTML 6Page - Monolithic Power Systems MP2128 Datasheet HTML 7Page - Monolithic Power Systems MP2128 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP2128 – 3MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2128 Rev. 0.9
www.MonolithicPower.com
3
7/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(5)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN, VFB = 0.65V
350
µA
Shutdown Current
VEN = 0V, VIN = 6V
0.01
1
µA
IN Under Voltage Lockout Threshold Rising Edge
1.8
2.1
2.3
V
IN Under Voltage Lockout Hysteresis
250
mV
TA = +25°C
0.582
0.594
0.606
V
Regulated FB Voltage
–40°C ≤ TA ≤ +85°C
0.576
0.594
0.612
V
FB Input Bias Current
VFB = 0.65V
-50
50
nA
PFET Current Limit
Duty=100%
1.5
A
PFET On-Resistance
ISW = 100mA
200
mΩ
NFET On-Resistance
ISW = –100mA
150
mΩ
SW Leakage Current
VEN = 0V; VIN = 6V
VSW = 0V or 6V
–1
1
µA
EN High Threshold
–40°C ≤ TA ≤ +85°C
1.6
V
EN Low Threshold
–40°C ≤ TA ≤ +85°C
0.4
V
Internal Soft-Start Time
100
µs
Oscillator Frequency
2.4
2.8
3.2
MHz
Thermal Shutdown Threshold
Hysteresis=20°C
150
°C
Note:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com