Electronic Components Datasheet Search
  English  ▼

X  

MP2128 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2128
Description  2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2128 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2128 Datasheet HTML 1Page - Monolithic Power Systems MP2128 Datasheet HTML 2Page - Monolithic Power Systems MP2128 Datasheet HTML 3Page - Monolithic Power Systems MP2128 Datasheet HTML 4Page - Monolithic Power Systems MP2128 Datasheet HTML 5Page - Monolithic Power Systems MP2128 Datasheet HTML 6Page - Monolithic Power Systems MP2128 Datasheet HTML 7Page - Monolithic Power Systems MP2128 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP2128 – 3MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2128 Rev. 0.9
www.MonolithicPower.com
5
7/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
SOT23
Pin #
QFN
Pin #
Name
Description
1
8
EN
Regulator Enable Control Input. Drive EN above 1.6V to turn on the part. Drive EN
below 0.4V to turn it off.
2
2,4
GND
Ground.
3
5,6
SW
Power Switch Output. Inductor connection to drains of the internal PFET and
NFET switches.
4
3
IN
Supply Input. Bypass to GND with a 4.7µF or bigger value ceramic capacitor.
5
1
FB
Feedback Input. Connect FB to the center point of the external resistor divider. The
regulated feedback voltage is 0.6V.
FUNCTIONAL BLOCK DIAGRAM
Figure 1— Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com