Electronic Components Datasheet Search
  English  ▼

X  

8284 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8284
Description  TWO-OUTPUT LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8284 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8284 Datasheet HTML 1Page - Allegro MicroSystems 8284 Datasheet HTML 2Page - Allegro MicroSystems 8284 Datasheet HTML 3Page - Allegro MicroSystems 8284 Datasheet HTML 4Page - Allegro MicroSystems 8284 Datasheet HTML 5Page - Allegro MicroSystems 8284 Datasheet HTML 6Page - Allegro MicroSystems 8284 Datasheet HTML 7Page - Allegro MicroSystems 8284 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8284
TWO-OUTPUT LNB SUPPLY AND
CONTROL-VOLTAGE REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
FUNCTIONAL BLOCK DIAGRAM
OSEL VSEL0 VSEL1
LLC VLNBA(typ) VLNBB(typ)
L
LLL
13 V
Low
L
L
L
H
14 V
Low
L
L
H
L
18 V
Low
L
L
H
H
19 V
Low
L
H
L
L
12 V
Low
L
H
L
H
13 V
Low
L
H
H
L
20 V
Low
L
HHH
21 V
Low
H
LLL
Low
13 V
H
L
L
H
Low
14 V
H
L
H
L
Low
18 V
H
L
H
H
Low
19 V
H
H
L
L
Low
12 V
H
H
L
H
Low
13 V
H
H
H
L
Low
20 V
H
HHH
Low
21 V
Output Voltage Select Table
Copyright © 2000, Allegro MicroSystems, Inc.
VREF
OVER-CURRENT
TSD
+
352 kHz
OVER-
CURRENT
RS
150 mV
800 mV
176 kHz
22 kHz TONE
ENT
OLF
TCAP
EXTM
5 k
Ω
1 k
Ω
LNBA
BOOST VOLTAGE
7 V
47 V
MAX
CHARGE
PUMP
BUCK
CONV.
÷2
÷8 &
WAVESHAPING
–
+
–
+
–
+
–
+
LNBB
Dwg. FP-051
VINT
EN
5 V
VOLTAGE
REG.
1
0
25 k
Ω
5 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com