Electronic Components Datasheet Search
  English  ▼

X  

8284 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8284
Description  TWO-OUTPUT LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8284 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8284 Datasheet HTML 1Page - Allegro MicroSystems 8284 Datasheet HTML 2Page - Allegro MicroSystems 8284 Datasheet HTML 3Page - Allegro MicroSystems 8284 Datasheet HTML 4Page - Allegro MicroSystems 8284 Datasheet HTML 5Page - Allegro MicroSystems 8284 Datasheet HTML 6Page - Allegro MicroSystems 8284 Datasheet HTML 7Page - Allegro MicroSystems 8284 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8284
TWO-OUTPUT LNB SUPPLY AND
CONTROL-VOLTAGE REGULATOR
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at T
A = 25°C, OSEL = H for LNBB, OSEL = L for LNBA (each
output tested separately), ENT = L, EN = H, LLC = L, V
IN = 24 V, IO = 50 mA (unless otherwise
noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
IN
I
O = 600 mA, VSEL0 = L, VSEL1 = L, LLC = L
— 3.3 +
∆V
BUCK
47
V
Output Voltage
V
O
I
O = 600 mA, VSEL0 = L, VSEL1 = L, LLC = L
12.5
13
13.5
V
I
O = 600 mA, VSEL0 = L, VSEL1 = L, LLC = H
13.4
14
14.6
V
I
O = 600 mA, VSEL0 = L, VSEL1 = H, LLC = L
17.3
18
18.7
V
I
O = 600 mA, VSEL0 = L, VSEL1 = H, LLC = H
18.2
19
19.8
V
I
O = 600 mA, VSEL0 = H, VSEL1 = L, LLC = L
11.5
12
12.5
V
I
O = 600 mA, VSEL0 = H, VSEL1 = L, LLC = H
12.5
13
13.5
V
I
O = 600 mA, VSEL0 = H, VSEL1 = H, LLC = L
19.2
20
20.8
V
I
O = 600 mA, VSEL0 = H, VSEL1 = H, LLC = H
20.2
21
21.8
V
Line Regulation
∆V
O
V
O = 13 V, VI = 16 to 40 V
—
4.0
40
mV
V
O = 18 V, VI = 21 to 40 V
—
4.0
40
mV
Load Regulation
∆V
O
V
O = 13 or 18 V, IO = 50 to 600 mA
—
80
180
mV
Current-Limiting Threshold
V
OM(th)
125
135
145
mV
Tone Frequency
f
tone
ENT = H
20
22
24
kHz
Tone Amplitude
V
tone(PP)
ENT = H
550
680
800
mV
Tone Duty Cycle
dc
tone
ENT = H
40
50
60
%
Tone Rise or Fall Time
t
r, tf
ENT = H
5.0
10
15
µs
External Modulation Gain
G
mod
∆V
O/∆Vmod, f = 10 Hz to 40 kHz
—
5.0
—
V/V
External Modulation
V
mod(PP)
AC coupling
—
—
160
mV
Input Voltage
External Modulation
Z
mod
f = 10 Hz to 40 kHz
—
5.0
—
k
Ω
Impedance
continued next page ...



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com