Electronic Components Datasheet Search
  English  ▼

X  

8405 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8405
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8405 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8405 Datasheet HTML 1Page - Allegro MicroSystems 8405 Datasheet HTML 2Page - Allegro MicroSystems 8405 Datasheet HTML 3Page - Allegro MicroSystems 8405 Datasheet HTML 4Page - Allegro MicroSystems 8405 Datasheet HTML 5Page - Allegro MicroSystems 8405 Datasheet HTML 6Page - Allegro MicroSystems 8405 Datasheet HTML 7Page - Allegro MicroSystems 8405 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONLY
Designed specifically to meet the requirement for extended opera-
tion of battery-powered equipment such as cordless and cellular tele-
phones, the A8405SLH voltage regulators offer the reduced dropout
voltage and quiescent current essential for maximum battery life.
Applicable also to palmtop computers and personal data assistants,
these devices deliver a regulated output at up to 200 mA (transient),
which is internally limited, providing short-circuit protection. Regu-
lated output voltages of 2.7, 2.8, 3.0, 3.2, 3.3, 3.6, 3.8, 4.0, and 5.0 V
are currently provided. Other voltages, down to 2.0 volts, are available
on special order.
A PMOS pass element provides a typical dropout voltage of only
100 mV at 100 mA of load current. The low dropout voltage permits
deeper battery discharge before output regulation is lost. Quiescent
current does not increase significantly as the dropout voltage is ap-
proached, an ideal feature in standby/resume power systems where data
integrity is crucial. Regulator accuracy and excellent temperature
characteristics are provided by a bandgap reference. The A8405SLH
includes an ENABLE input to give the designer complete control over
power up, standby, or power down.
These devices are supplied in a thermally enhanced 5-lead small-
outline plastic package similar to the SOT-23, and fitting the SC-74A
footprint. All devices are rated for operation over a temperature range
of -20
°C to +85°C.
FEATURES AND BENEFITS
I High Efficiency Provides Extended Battery Life
I 100 mV Typical Dropout Voltage at I
O = 100 mA
I 80 µA Typical Quiescent Current
I Low Output Noise
I 200 mA Current-Limited Output
I Improved PSRR and Transient Performance
APPLICATIONS
I Cordless/Cellular/GSM/PHS Telephones
I Personal Data Assistants
I Personal Communicators
I Palmtop Computers
I GPS
I Pagers
LOW-DROPOUT REGULATORS
— HIGH EFFICIENCY
PRELIMINARY INFORMATION
(subject to change without notice)
June 25, 1999
Always order by complete part number, e.g., A8405SLH-xx , where “xx”
is the required output voltage in tenths or “ADJ” for adjustable.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . . .
7 V
Peak Output Current,
I
OM . . . . . . . . . . . . . . . . . .
200 mA*
Enable Input Voltage, V
E . . . . . . . . . .
V
I
Operating Temperature Range,
T
A . . . . . . . . . . . . .
-20
°C to +85°C
Junction Temperature, T
J . . . .
+150
°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +150°C
* Output current rating is limited by input
voltage, duty cycle, and ambient temperature.
Under any set of conditions, do not exceed a
junction temperature of +150
°C. See follow-
ing pages.
8405
Dwg. PS-021-6
VR
2
3
1
5
4
*BYPASS (fixed regulators) or
ADJUST (A8405SLH-ADJ only).


Similar Part No. - 8405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8405 ETC2-8405 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
8405 BELDEN-8405 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
logo
Heyco.
8405 HEYCO-8405 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
logo
Keystone Electronics Co...
8405 KEYSTONE-8405 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
8405-0601000 BELDEN-8405-0601000 Datasheet
200Kb / 3P
Microphone Cable, 5 Conductor 20 AWG, TC
12-20-2022
More results

Similar Description - 8405

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8226 ALLEGRO-8226 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com