Electronic Components Datasheet Search
  English  ▼

X  

8405 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8405
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8405 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8405 Datasheet HTML 1Page - Allegro MicroSystems 8405 Datasheet HTML 2Page - Allegro MicroSystems 8405 Datasheet HTML 3Page - Allegro MicroSystems 8405 Datasheet HTML 4Page - Allegro MicroSystems 8405 Datasheet HTML 5Page - Allegro MicroSystems 8405 Datasheet HTML 6Page - Allegro MicroSystems 8405 Datasheet HTML 7Page - Allegro MicroSystems 8405 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8405
LOW-DROPOUT
REGULATORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Copyright © 1999, 2000 Allegro MicroSystems, Inc.
A8405SLH Maximum Allowable Average Output Current* with device mounted on 2.24" x 2.24"
(56.9 mm x 56.9 mm) solder-coated copper-clad board in still air.
Allowable Total Average (10 ms) Output Current in Milliamperes with T
J = 150°C, Duty Cycle = 100%†
V
I - VO
T
A
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0*
4.5*
25
°C
200
200
200
200
200
189
162
142
126
50
°C
200
200
200
200
182
152
130
114
101
70
°C
200
200
200
182
145
121
104
91
81
85
°C
200
200
197
148
118
98
84
74
66
* Absolute maximum peak output current rating is 200 mA; absolute maximum input voltage is 7 V.
† I
O = (TJ – TA)/([VI – VO] R
θJA x dc) = (150 – TA)/([VI – VO] x 220 x 1.00)
Output current rating can be increased (to 200 mA maximum) by additional heat sinking or reducing the duty cycle.
DRIVE
BANDGAP
REF.
ERROR
AMP
Dwg. FS-012-7
BIAS
IN
ENABLE
OUT
1
5
3
2
GND
BYPASS
(FIXED REG'S)
4
OUT
5
ADJUST
(SUFFIX
"-ADJ" ONLY)
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com