Electronic Components Datasheet Search
  English  ▼

X  

LM5021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5021
Description  LM5021 AC-DC Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021 Datasheet(HTML) 4 Page - Texas Instruments

  LM5021 Datasheet HTML 1Page - Texas Instruments LM5021 Datasheet HTML 2Page - Texas Instruments LM5021 Datasheet HTML 3Page - Texas Instruments LM5021 Datasheet HTML 4Page - Texas Instruments LM5021 Datasheet HTML 5Page - Texas Instruments LM5021 Datasheet HTML 6Page - Texas Instruments LM5021 Datasheet HTML 7Page - Texas Instruments LM5021 Datasheet HTML 8Page - Texas Instruments LM5021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM5021
SNVS359D – MAY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full Operating Junction
Temperature Range. Unless otherwise specified: VIN = 15V, RT = 44.2KΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SOFT-START
VSS-OCV
SS pin open-circuit voltage
4.3
5.2
6.1
V
Soft-start Current Source
15
22
30
µA
Soft-start to COMP Offset
0.35
0.55
0.75
V
COMP sinking impedance
During SS ramp
60
Ω
OSCILLATOR
Frequency1 (RT = 44.2K)
135
150
165
kHz
Frequency2 (RT = 13.3K)
440
500
560
kHz
Sync threshold
2.4
3.2
3.8
V
PWM COMPARATOR
COMP to OUT delay
COMP set to 2V
20
ns
CS stepped 0 to 0.4V,
time to OUT transition
low, Cload = 0.
Min Duty Cycle
COMP = 0V
0
%
Max Duty Cycle (-1 Device)
75
80
85
%
Max Duty Cycle (-2 Device)
50
%
COMP to PWM comparator gain
0.33
COMP Open Circuit Voltage
4.2
5.1
6
V
COMP at Max Duty Cycle
2.75
V
COMP Short Circuit Current
COMP = 0V
0.6
1.1
1.5
mA
SLOPE COMPENSATION
Slope Comp Amplitude (LM5021-1
CS pin to PWM
70
90
110
mV
only)
Comparator offset at
maximum duty cycle
OUTPUT SECTION
OUT High Saturation
IOUT = 50mA, VCC -
0.6
1.1
V
OUT
OUT Low Saturation
IOUT = 100mA
0.3
1
V
Peak Source Current
OUT = VCC/2.
0.3
A
Peak Sink Current
OUT = VCC/2.
0.7
A
Rise time
Cload = 1nF
25
ns
Fall time
Cload = 1nF
10
ns
HICCUP MODE
VOVLD
Over load detection threshold
COMP pin
VSS-OCV – 0.8
VSS-OCV – 0.6
VSS-OCV– 0.4
V
VHIC
Hiccup mode threshold
SS pin
VSS-OCV – 0.8
VSS-OCV – 0.6
VSS-OCV– 0.4
V
VRST
Hiccup mode Restart threshold
SS pin
0.1
0.3
0.5
V
IDTCS
Dead-time current source
0.1
0.25
0.4
µA
IOVCS
Overload detection timer current
6
10
14
µA
source
THERMAL RESISTANCE
θJA
VSSOP-8 Junction to Ambient
0 LFM
200
°C/W
θJA
PDIP-8 Junction to Ambient
0 LFM
107
°C/W
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com