Electronic Components Datasheet Search
  English  ▼

X  

LM5021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5021
Description  LM5021 AC-DC Current Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5021 Datasheet HTML 10Page - Texas Instruments LM5021 Datasheet HTML 11Page - Texas Instruments LM5021 Datasheet HTML 12Page - Texas Instruments LM5021 Datasheet HTML 13Page - Texas Instruments LM5021 Datasheet HTML 14Page - Texas Instruments LM5021 Datasheet HTML 15Page - Texas Instruments LM5021 Datasheet HTML 16Page - Texas Instruments LM5021 Datasheet HTML 17Page - Texas Instruments LM5021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM5021
VIN
CS
OUT
Voffset > 125 mV
RSense
VCC
PWM
LOGIC
PWM
COMPARATOR
5.2V
COMP
SKIP CYCLE
COMPARATOR
+
-
+
-
1.25V
5k
2R
R
125 mV
+
-
1.8k
CLK
500 mV
CURRENT LIMIT
COMPARATOR
CS
LEADING EDGE
BLANKING
LM5021
SNVS359D – MAY 2005 – REVISED MARCH 2013
www.ti.com
Figure 13. Skip Cycle Control
Figure 14. Disabling the Skip Cycle Mode
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com