Electronic Components Datasheet Search
  English  ▼

X  

MP2207 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2207
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2207 Datasheet HTML 1Page - Monolithic Power Systems MP2207 Datasheet HTML 2Page - Monolithic Power Systems MP2207 Datasheet HTML 3Page - Monolithic Power Systems MP2207 Datasheet HTML 4Page - Monolithic Power Systems MP2207 Datasheet HTML 5Page - Monolithic Power Systems MP2207 Datasheet HTML 6Page - Monolithic Power Systems MP2207 Datasheet HTML 7Page - Monolithic Power Systems MP2207 Datasheet HTML 8Page - Monolithic Power Systems MP2207 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
4
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
SOICE
Pin#
QFN
Pin #
Name
Description
5
6
VCC
Bias Supply. This supplies power to both the internal control circuit and the gate
drivers. A decoupling capacitor to ground is required close to this pin.
3
4, 7
IN
Input Supply. This supplies power to the high side switch. A decoupling
capacitor to ground is required close to this pin to reduce switching spikes.
6, 7
3, 8
SW
Switch Node Connection to the Inductor. These pins connect to the internal high
and low-side power MOSFET switches. All SW pins must be connected together
externally.
2
2, 9
GND
Ground. Connect these pins with larger copper areas to the negative terminals
of the input and output capacitors.
4
5
BS
Bootstrap. A capacitor between this pin and SW provides a floating supply for
the high-side gate driver.
1
1
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connected between the output and GND is compared to the internal 0.8V
reference to set the regulation voltage.
8
10
EN/SYNC
Enable and Frequency Synchronization Input Pin. Forcing this pin below 0.4V
shuts down the part. Forcing this pin above 1.6V turns on the part. Applying a
1MHz to 2MHz clock signal to this pin synchronizes the internal oscillator
frequency to the external source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com