Electronic Components Datasheet Search
  English  ▼

X  

MP2207 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2207
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2207 Datasheet HTML 1Page - Monolithic Power Systems MP2207 Datasheet HTML 2Page - Monolithic Power Systems MP2207 Datasheet HTML 3Page - Monolithic Power Systems MP2207 Datasheet HTML 4Page - Monolithic Power Systems MP2207 Datasheet HTML 5Page - Monolithic Power Systems MP2207 Datasheet HTML 6Page - Monolithic Power Systems MP2207 Datasheet HTML 7Page - Monolithic Power Systems MP2207 Datasheet HTML 8Page - Monolithic Power Systems MP2207 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2207
16V, 4A, 1.3MHz Synchronous
Step-Down Converter
MP2207 Rev. 0.92
www.MonolithicPower.com
1
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2207 is an internally compensated
1.3MHz fixed frequency PWM synchronous
step-down regulator with a 3V to 6V bias supply
(VCC). MP2207 operates from a 3V to 16V input
and generates an adjustable output voltage
from 0.8V to 0.9xVIN at up to 4A load current.
The MP2207 integrates an 80mΩ high-side
switch and an 80mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, it is stable with a output
ceramic capacitor and a small inductor. Fault
protection
includes
hiccup
short-circuit
protection, cycle-by-cycle current limiting and
thermal shutdown. Other features include
frequency synchronization and internal soft-
start.
The MP2207 is available in small 3mm x 3mm
10-lead QFN and SOIC8E packages.
FEATURES
• 4A Output Current
• Input Supply Range: 3V to 16V
• 80mΩ Internal Power MOSFET Switches
• All Ceramic Output Capacitors Design
• Up to 95% Efficiency
• 1.3MHz Fixed Switching Frequency
• Adjustable Output from 0.8V to 0.9xVIN
• Internal Soft-Start
• Frequency Synchronization Input
• Thermal Shutdown
• Cycle-by-Cycle Current Limiting
• Hiccup Short Circuit Protection
• 10-lead, 3mm x 3mm QFN and SOIC8E
Packages.
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2207
BS
IN
FB
SW
1
3, 8
10
6
5
2, 9
4, 7
EN/SYNC
VCC
GND
VOUT
1.8V / 4A
L1
1uH
C2
47uF
VIN
3V to 16V
VCC
2.5V to 6V
C1
33uF
C4
1uF
OFF ON
C3
100nF


Similar Part No. - MP2207

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MP220-100-A RCD-MP220-100-A Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-B RCD-MP220-100-B Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-C RCD-MP220-100-C Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-D RCD-MP220-100-D Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-F RCD-MP220-100-F Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
More results

Similar Description - MP2207

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Eutech Microelectronics...
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
4A, Synchronous Step-Down Converter
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com