Electronic Components Datasheet Search
  English  ▼

X  

MP2214DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2214DL
Description  16V, 4A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2214DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2214DL Datasheet HTML 1Page - Monolithic Power Systems MP2214DL Datasheet HTML 2Page - Monolithic Power Systems MP2214DL Datasheet HTML 3Page - Monolithic Power Systems MP2214DL Datasheet HTML 4Page - Monolithic Power Systems MP2214DL Datasheet HTML 5Page - Monolithic Power Systems MP2214DL Datasheet HTML 6Page - Monolithic Power Systems MP2214DL Datasheet HTML 7Page - Monolithic Power Systems MP2214DL Datasheet HTML 8Page - Monolithic Power Systems MP2214DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2214
16V, 4A, 600kHz Synchronous
Step-Down Converter
MP2214 Rev. 0.9
www.MonolithicPower.com
1
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2214 is an internally compensated
600kHz fixed frequency PWM synchronous
step-down regulator with a 3V to 6V bias supply
(VCC). MP2214 operates from a 3V to 16V input
and generates an adjustable output voltage
from 0.8V to 0.9xVIN at up to 4A load current.
The MP2214 integrates an 80mΩ high-side
switch and an 80mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, it is stable with a output
ceramic capacitor and a small inductor. Fault
protection
includes
hiccup
short-circuit
protection, cycle-by-cycle current limiting and
thermal shutdown. Other features include
frequency synchronization and internal soft-
start.
The MP2214 is available in small 3mm x 4mm
14-lead QFN and 8-lead SOIC with exposed
pad packages.
FEATURES
• 4A Output Current
• Input Supply Range: 3V to 16V
• 80mΩ Internal Power MOSFET Switches
• All Ceramic Output Capacitors Design
• Up to 95% Efficiency
• 600kHz Fixed Switching Frequency
• Adjustable Output from 0.8V to 0.9xVIN
• Internal Soft-Start
• Power Good Pin
• Frequency Synchronization Input
• Thermal Shutdown
• Cycle-by-Cycle Current Limiting
• Hiccup Short Circuit Protection
• 14-Lead, 3mm x 4mm QFN and 8-lead
SOICE Packages
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2214
BS
IN
FB
SW
EN/SYNC
VCC
GND
VOUT
1.8V / 4A
L1
3.3uH
C2
47uF
VIN
3V to 16V
1,3,12
14
4,11
7
5,10
8
13
9
VCC
3V to 6V
C1
33uF
C4
1uF
OFF ON
POK
C3
100nF
C6
560PF


Similar Part No. - MP2214DL

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP221 CTS-MP221 Datasheet
133Kb / 5P
Quartz Crystal
logo
Multicomp Pro
MP2210-BK1-48 MULTICOMP-MP2210-BK1-48 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2210-GY1-48 MULTICOMP-MP2210-GY1-48 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
logo
Monolithic Power System...
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
logo
Schneider Electric
MP22125 SCHNEIDER-MP22125 Datasheet
95Kb / 2P
MP Meter pak, main lugs, two ringed socket, no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1 PH, UG, OH
More results

Similar Description - MP2214DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2207 MPS-MP2207 Datasheet
541Kb / 14P
16V, 4A, 1.3MHz Synchronous Step-Down Converter
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com