Electronic Components Datasheet Search
  English  ▼

X  

MP2214DL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2214DL
Description  16V, 4A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2214DL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2214DL Datasheet HTML 4Page - Monolithic Power Systems MP2214DL Datasheet HTML 5Page - Monolithic Power Systems MP2214DL Datasheet HTML 6Page - Monolithic Power Systems MP2214DL Datasheet HTML 7Page - Monolithic Power Systems MP2214DL Datasheet HTML 8Page - Monolithic Power Systems MP2214DL Datasheet HTML 9Page - Monolithic Power Systems MP2214DL Datasheet HTML 10Page - Monolithic Power Systems MP2214DL Datasheet HTML 11Page - Monolithic Power Systems MP2214DL Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2214 – 16V, 4A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2214 Rev. 0.9
www.MonolithicPower.com
10
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 3―Typical Application Circuit of MP2214
Vin
9V to 16V
Vout
5V/4A
C3
47uF
R1
10k
R2
1.91k
L1
3.3uH
C5
100nF
C2
22uF
R3
100k
R4
10k
C4
1uF
D1
B0530
C1
22uF
D2
B0530
Z1
4.7V
Q1
MMBT3904
BS
5,10
4,11
14
1,3,12
8
13
IN
Vcc
SW
EN/SYNC
FB
AGND/PGND
MP2214
2
9
POK
N/C
R5
100k
Figure 4―MP2214 with A VCC Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com