Electronic Components Datasheet Search
  English  ▼

X  

MP2270 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2270
Description  1.8A, 24V, 700kHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2270 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2270 Datasheet HTML 1Page - Monolithic Power Systems MP2270 Datasheet HTML 2Page - Monolithic Power Systems MP2270 Datasheet HTML 3Page - Monolithic Power Systems MP2270 Datasheet HTML 4Page - Monolithic Power Systems MP2270 Datasheet HTML 5Page - Monolithic Power Systems MP2270 Datasheet HTML 6Page - Monolithic Power Systems MP2270 Datasheet HTML 7Page - Monolithic Power Systems MP2270 Datasheet HTML 8Page - Monolithic Power Systems MP2270 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2270 – 1.8A, 24V, 700KHz STEP-DOWN CONVERTER
MP2270 Rev. 1.1
www.MonolithicPower.com
3
4/16/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 24V
0.790
0.810
0.830
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch On-Resistance
(5)
RDS(ON)
0.3
Ω
Switch Leakage
VEN = 0V, VSW = 0V
0
10
μA
Current Limit
(5)
Duty Cycle = 40%
2.0
2.5
A
Oscillator Frequency
fSW
VFB = 0.6V
700
kHz
Fold-back Frequency
VFB = 0V
230
kHz
Maximum Duty Cycle
VFB = 0.6V
87
%
Minimum On-Time
(5)
tON
100
ns
Under-Voltage Lockout Threshold Rising
2.5
2.8
3.1
V
Under-Voltage Lockout Threshold Hysteresis
150
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.5
V
VEN = 2V
2.1
EN Input Current
VEN = 0V
0.01
μA
Supply Current (Shutdown)
VEN = 0V
0.1
1.0
μA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
0.8
1.0
mA
Thermal Shutdown
(5)
150
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com