Electronic Components Datasheet Search
  English  ▼

X  

MP2270 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2270
Description  1.8A, 24V, 700kHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2270 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2270 Datasheet HTML 2Page - Monolithic Power Systems MP2270 Datasheet HTML 3Page - Monolithic Power Systems MP2270 Datasheet HTML 4Page - Monolithic Power Systems MP2270 Datasheet HTML 5Page - Monolithic Power Systems MP2270 Datasheet HTML 6Page - Monolithic Power Systems MP2270 Datasheet HTML 7Page - Monolithic Power Systems MP2270 Datasheet HTML 8Page - Monolithic Power Systems MP2270 Datasheet HTML 9Page - Monolithic Power Systems MP2270 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP2270 – 1.8A, 24V, 700KHz STEP-DOWN CONVERTER
MP2270 Rev. 1.1
www.MonolithicPower.com
8
4/16/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting Output Voltage
The external resistor divider is used to set the
output voltage (see the schematic on front
page). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Figure 1). R2 can
be determined by:
1
V
81
.
0
V
1
R
2
R
OUT −
=
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
80.6 (1%)
64.9 (1%)
2.5
49.9 (1%)
23.7 (1%)
3.3
49.9 (1%)
16.2 (1%)
5
49.9 (1%)
9.53 (1%)
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor’s DC resistance should be less than
200mΩ. For most designs, the required
inductance value can be derived from the
following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
Δ
×
−
×
=
Where ΔIL is the inductor ripple current.
Choose an inductor with a rating current of
approximately 30% higher than the maximum
load current if the maximum load current is
≥1.8A. The maximum inductor peak current is
calculated from:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light load conditions below 100mA, a
larger inductance is recommended for improved
efficiency. See Table 2 for suggested inductors.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and the switching noise from
the device. The input capacitor impedance at the
switching frequency should be less than the input
source impedance to prevent high frequency
switching current from passing through the input.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For most
applications, a 10µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps output voltage ripple
small and ensures loop stability. The output
capacitor impedance should be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended for their
low ESR characteristics. For most applications, a
22µF ceramic capacitor will be sufficient.
PC Board Layout
The high current paths (GND, IN and SW) should
be placed very close to the device with short,
direct and wide traces. The input capacitor needs
to be as close as possible to the IN and GND pins.
The external feedback resistors should be placed
next to the FB pin. Keep the switch node traces
short and away from the feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com