Electronic Components Datasheet Search
  English  ▼

X  

8958 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8958
Description  VOICE COIL MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8958 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8958 Datasheet HTML 1Page - Allegro MicroSystems 8958 Datasheet HTML 2Page - Allegro MicroSystems 8958 Datasheet HTML 3Page - Allegro MicroSystems 8958 Datasheet HTML 4Page - Allegro MicroSystems 8958 Datasheet HTML 5Page - Allegro MicroSystems 8958 Datasheet HTML 6Page - Allegro MicroSystems 8958 Datasheet HTML 7Page - Allegro MicroSystems 8958 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8958
VOICE COIL
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
GROUND
Dwg. FP-020C
1.5 V
LOGIC
SUPPLY
OUT
OUT
A
B
SENSE
OUT
PARK
VOLTAGE
LIMIT
PARK
PWR OK
(ACTIVE HIGH)
PARK
DRIVE
B
–
+
VBB
+
–
+
–
+
–
–
+
A
+
–
1.5 V
–
+
1.5 V
3 V
V CC
1.5 V
BANDGAP REF
4 k
Ω
4 k
Ω
8 k
Ω
8 k
Ω
INHIBIT
LOAD
SUPPLY
TSD
GROUNDAB
UV1
UV
2
IN
B–
IN B+
A–
IN
A+
IN
GROUND
AB
IN+
SENSE
IN–
SENSE
8
5
11
10
17
9
22
20
21
24
14
12
13
15
2
1
23
16
4
3
6, 7
18, 19
50
75
100
125
150
5
3
2
1
0
TEMPERATURE IN
°C
4
25
Dwg. GP-033A
R
= 6.0
°C/W
θJT
R
= 55
°C/W
θJA
Copyright © 1990, 2000 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com