Electronic Components Datasheet Search
  English  ▼

X  

8958 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 8958
Description  VOICE COIL MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8958 Datasheet(HTML) 3 Page - Allegro MicroSystems

  8958 Datasheet HTML 1Page - Allegro MicroSystems 8958 Datasheet HTML 2Page - Allegro MicroSystems 8958 Datasheet HTML 3Page - Allegro MicroSystems 8958 Datasheet HTML 4Page - Allegro MicroSystems 8958 Datasheet HTML 5Page - Allegro MicroSystems 8958 Datasheet HTML 6Page - Allegro MicroSystems 8958 Datasheet HTML 7Page - Allegro MicroSystems 8958 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8958
VOICE COIL
MOTOR DRIVER
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
CC
= V
BB
= 12 V
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Logic Supply Voltage Range
VCC
Operating
8.0
12
16
V
Logic Supply UV Threshold
VCC
High-to-low transition
—
2.8
3.0
V
Logic Supply UV Hysteresis
∆V
CC
—
200
—
mV
Supply Current
IBB
VOUT = 6 V, no load
—
2.0
—
mA
ICC
—
23
—
mA
Inhibited Supply Current
—
IBB + ICC, V2 ≥ 1.7 V
—
3.0
8.0
mA
Thermal Shutdown Temp.
TJ
—
165
—
°C
Thermal Shutdown Hysteresis
∆T
J
—
8.0
—
°C
Output Power Drivers
Output Saturation Voltage
VSAT
IOUT = 250 mA
—
250
—
mV
IOUT = 800 mA
—
450
—
mV
IOUT = -250 mA
—
750
—
mV
IOUT = -800 mA
—
950
—
mV
Total Saturation Voltage
VSAT
ILOAD = 250 mA
—
1.0
1.4
V
ILOAD = 800 mA
—
1.4
2.0
V
Input Offset Voltage
VIO
VCM = 6 V
—
5.0
8.0
mV
Input Offset Drift
∆V
IO
——
25
µV/°C
Input Bias Current
IIN
Except INA+, VCM = 6 V
—
-150
-500
nA
INA+ to SENSEIN+ = 12 k
Ω, T
J = 25
°C
69
84
105
µA/V
Input Offset Current
IIO
INB only, VCM = 6 V
——
200
nA
Differential Sense Input Current
IID
IOUT = 5 mA
—
±300
—
µA
IOUT = 500 mA
—
3.0
—
mA
Large Signal Gain
AVS
VOUT = 2 V to 10 V, IOUT =
±500 mA
1.5
5.0
—
V/mV
Slew Rate
SR
—
4.0
—
V/
µs
Unity Gain Bandwidth
BW
Amplifier A
0.5
1.0
1.7
MHz
Amplifier B
0.5
2.0
2.2
MHz
Common-Mode Rejection
kCMR
VCM = 1 V to 10 V
70
90
—
dB
Clamp Diode Forward Voltage
VF
IF = 800 mA, V2
≥ 1.7 V
—
1.0
1.2
V
High-Side Current Limit
IOUT
TJ = 25
°C
—
1.0
1.2
A
Power Supply Rejection
kSVR
VCC = 4 V to 15 V, VCM = 1.5 V
70
90
—
dB
(Source + Sink)
Continued next page...
Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com