Electronic Components Datasheet Search
  English  ▼

X  

8983 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 8983
Description  SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8983 Datasheet(HTML) 1 Page - Allegro MicroSystems

  8983 Datasheet HTML 1Page - Allegro MicroSystems 8983 Datasheet HTML 2Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8983
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
Dwg. PP-060
8983
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
The A8983CJT provides for complete spindle and voice coil power
electronics for small form-factor HDDs (hard disk drives). The large-
scale integration and use of advanced DABiC (digital/analog-BiCMOS)
merged technologies result in minimum power dissipation, minimum
operating voltage, and minimum external components.
The spindle driver system incorporates a three-phase MOS power
driver and a back-EMF sensing motor commutation scheme. A pat-
ented circuit eliminates the need for an external current-sense resistor,
achieving additional headroom. Intrinsic ground clamp and flyback
diodes are also provided.
The voice-coil system incorporates a MOS H-bridge driver, sense
amplifier, error amplifier, and programmable retract circuitry.
The spindle and voice-coil control functions are supplemented by
an ENERGY MANAGER™, which efficiently channels available spindle
BEMF to protect the heads and the data disk during system power
supply failure. Active regeneration of spindle BEMF provides nearly
lossless conversion of spindle BEMF into supply voltage to operate the
voice coil motor for parking the heads. A dc-to-dc converter provides for
full power MOS rDS(on) performance at minimum supply voltages. In
addition, the ENERGY MANAGER provides several energy-saving sleep
modes and latched fault states for undervoltage and serial port com-
manded fault.
The A8983CJT is supplied in a 64-lead low-profile quad flatpack for
surface-mount applications.
FEATURES
Voice Coil Motor Driver:
s Low r
DS(on) MOS Outputs
s Zero Deadband
s Externally Determined Transconductance, with Hi/Lo
Configuration Switched via Serial Port
s Current Sensing with External Series Sense Resistor
s Serial Port Programmable Actuator Retract Circuitry
s Retract Circuitry Functional to 1.7 V Spindle BEMF
Spindle Motor Controller/Driver:
s Low r
DS(on) MOS Outputs
s Back-EMF Circuitry Eliminates Hall-Effect Sensors
s Adaptive Commutation Delay Programmable via Serial Port
s Programmable Slew Rate (soft switching) Eliminates Snubbers
s Intrinsic Ground Clamp and Flyback Diodes
Output current rating may be restricted to a value
determined by system concerns and factors.
These include: system duty cycle and timing,
ambient temperature, and use of any heatsinking
and/or forced cooling.
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Load Supply Voltage, V
CC(PWR) ............
7.0 V
Spindle Output Current, I
OUT(S) .......... ±1.6 A
Voice-Coil Output Current, I
OUT(A) ...... ±0.9 A
Logic Supply Voltage V
CC(D) ................
6.0 V
Operating Temperature Range,
T
A ...................................... 0 °C to +70°C


Similar Part No. - 8983

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8983 FESTO-8983 Datasheet
93Kb / 1P
Finger lever valve
4/10/22
logo
Heyco.
8983 HEYCO-8983 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
logo
List of Unclassifed Man...
89830003 ETC2-89830003 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89830004 ETC2-89830004 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89830011 ETC2-89830011 Datasheet
96Kb / 1P
4 x M5 at 90째, depth 10mm and 40 mm diameter
More results

Similar Description - 8983

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8980 ALLEGRO-8980 Datasheet
81Kb / 8P
SUPERSERVO SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
logo
Fairchild Semiconductor
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
12V Spindle Motor and Voice Coil Motor Driver
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
Spindle/Voice Coil Motor Drive IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
12V Spindle Motor and Voice Coil Motor Driver
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
12V Spindle Motor and Voice Coil Motor Driver IC
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com