Electronic Components Datasheet Search
  English  ▼

X  

8983 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 8983
Description  SPINDLE & VOICE-COIL ACTUATION MANAGER/DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8983 Datasheet(HTML) 2 Page - Allegro MicroSystems

  8983 Datasheet HTML 1Page - Allegro MicroSystems 8983 Datasheet HTML 2Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8983
SPINDLE & VOICE-COIL
ACTUATION MANAGER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Dwg. FP-028-1
s Patented Lossless Current Sensing Eliminates Need
for External Current-Sense Resistor
s Externally Determined Transconductance, with Hi/Lo
Configuration Switched via Serial Port
s Forward or Reverse Torque Serial Port Bit Allows
Improved Speed Disturbance Performance
s Dynamic Braking with User Delay, Activated by
Undervoltage or Serial Port Command
Energy Manager:
s 3.0 V to 5.5 V Operation
s DC-to-DC Converter Maintains r
DS(on) Performance
at Low Supply
s Independent Power-Down (Sleep) Modes for all
Functional Blocks
s Efficient Active Regeneration Supplies Power
During Retract
s Supply Under-Voltage Fault Monitor with
Adjustable Trip Point
s Power-On-Reset Generator for Power Up or
Power Loss with User-Defined Delay
s Chip Powers Up in Sleep Mode for Minimum
Power Dissipation
s External 2 MHz System Clock, or Internal Serial Port
Trimmed 2 MHz Clock
s System Diagnostics
s Uncommitted Op-amp
DATA ENABLE
CLOCK
SERIAL DATA IN
TACH
EXTERNAL
COMMUTATION
BACK-EMF AND
COMMUTATION LOGIC
SLEW
RATE
CONTROL
g
m
ENERGY MANAGER
CONTROLLED RETRACT
DC-DC CONVERSION
SLEEP MODES
UV FAULT
g
m
+
–
+
–
+
–
SPIN
INPUT
SERVO
INPUT
Copyright © 1995, Allegro MicroSystems, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com