Electronic Components Datasheet Search
  English  ▼

X  

TS30013 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TS30013
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS30013 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TS30013 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 13Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 14Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 15Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 16Page - List of Unclassifed Manufacturers TS30013 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
- 13 -
TS30011/12/13
Version 1.6
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
The exposed thermal pad must be soldered to the PCB for mechanical reliability and to achieve good power dissipation. Vias
must be placed under the pad to transfer the heat to the ground plane.
COUT
COUT
LOUT
CBYPASS
DCATCH
CBYP
RBOT
RTOP
RPLP
PGND
VCC
VOUT
Vias to
ground
plane
Vias to
ground
plane
Analog
ground
(GND)
Switching
node
VCC
VCC
GND
VSW
VCC
BST
EN
VSW
Figure 23: TS30011/12/13 PCB Layout, Top View
EXTERNAL COMPONENT BILL OF MATERIALS
Designator
Function
Description
Suggested
Manufacturer
Manufacturer Code
Qty
CBYPASS
Input Supply Bypass
Capacitor
10uF 10%
35V
TDK
CGA5L3X5R1V106K160AB
1
COUT
Output Filter Capacitor
22uF 10%
10V
TDK
C2012X5R1A226K125AB
2
LOUT
Output Filter Inductor (1A)
4.7uH 2A
TDK
Wurth
SLF7045T-4R7M2R0-PF
7447745047
1
LOUT
Output Filter Inductor (2A)
4.7uH 3A
TDK
Wurth
VLC5045T-4R7M
744774047
1
LOUT
Output Filter Inductor (3A)
4.7uH 4.37A
TDK
Wurth
VLP6045LT-4R7M
744777004
1
CBST
Boost Capacitor
22nF 10V
TDK
C1005X7R1C223K
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com