Electronic Components Datasheet Search
  English  ▼

X  

TS32101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS32101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TS32101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
- 5 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS32101
Version 2.0
CHARACTERISTICS
Electrical Characteristics, TA = -40C to 85C, VIN =2.4V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN Supply Voltage
VIN
Voltage Input
1.75
5.0
V
IIN-STBY
Quiescent current
Standby Mode
EN = Low, VOUT=0V
5
10
uA
IIN-LPM
Operating Low Power Mode
Input Current
Iout = 0 uA
50
uA
VOUT Supply Current
IOUT
Quiescent current
Normal Mode (Note 1)
EN = High, Switching
3
mA
EN = High, Non-switching
500
uA
IOUT-STBY
Quiescent current, stby
EN = Low, Vout=5V
25
uA
IOUT
Output current
EN = High, VIN > 0.7 * Vout
2
A
VIN Under Voltage Lockout (UVLO)
VIN_UV
VIN Under Voltage Detect
Threshold
Increasing Vin
1.5
V
VIN-UV_HYST
VIN Under Voltage Detect
Hysteresis
150
mV
OSC
FOSC
Oscillator Frequency
1.8
2
2.2
MHz
PG Open Drain Output
VPG_THRESH
Power Good Voltage Detect
Threshold
Vout Increasing
90
% VOUT
VPG_HYST
Power Good Voltage Detect
Hysteresis
1
% VOUT
IOH-PG
High-Level Output Leakage
VPG = 5.0 V
0.1
uA
VOL-PG
Low-Level Output Voltage
IPG = -1mA
0.4
V
EN Input
VIH
High Level Input Voltage
1.5
V
VIL
Low Level Input Voltage
0.6
V
VHYST
Input Hysteresis
150
mV
IIN-EN
Input Leakage
VEN=VIN
0.1
uA
VEN=0V
0.1
uA
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
150
170
C
TSDHYST
TSD Hysteresis
10
C
Note 1: large percentage of supply current due to power FET gate switching losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com