Electronic Components Datasheet Search
  English  ▼

X  

TS32101 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS32101 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TS32101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
- 6 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS32101
Version 2.0
BOOST CONVERTER CHARACTERISTICS
Electrical Characteristics, TA = -40C to 85C, VIN = 2.4V, VOUT = 5.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Boost Regulator: L=1.0uH and C=44uF
VOUT
Output Voltage
3.0
5.5
V
VFB
Feedback Voltage
1.175
1.2
1.225
V
RDSON
High Side Switch On Resistance
ISW = -1A, TJ=25C
120
mΩ
Low Side Switch On Resistance
ISW = 1A, TJ=25C
50
mΩ
IOCD
Over Current Detect
LS switch current
3
A
VISEN
Output Current Threshold Voltage
23
mV
VOUT-OV
VOUT Over Voltage Threshold
101
102
103
%VOUT
DUTYMAX
Max Duty Cycle
85
%
FUNCTIONAL DESCRIPTION
The TS32101 is a fully-integrated, low-voltage synchronous boost converter IC based on a highly-efficient switching topology. It
is optimized to be powered from NiMH or Li-Ion batteries and includes features to make it suitable for powering portable
equipment as an emergency power/charging source. A 2MHz internal switching frequency yields a good balance between
efficiency and the ability to use small, low-cost LC filter components.
INTERNAL PROTECTION DETAILS
Internal Current Limit
The current through the low side switch is sensed on a cycle by cycle basis and if current limit is reached, it will abbreviate the
cycle. Current limit is always active when the boost converter is enabled.
Adjustable Output Current Limit
The TS32101 has an adjustable output current limit that is implemented by sensing the voltage across an external resistor
placed in series with the output. The voltage across this resistor is continuously monitored with no output current limit
occurring until the output current is large enough to produce a voltage drop of 23mV across the sense resistor. If the voltage
drop across the sense resistor reaches 23mV the TS32101 will reduce the duty cycle to limit the output current and result in a
constant output current limit. This feature can be disabled by connecting the ISEN to VOUT and removal of the sense resistor.
Adjustable Output Voltage
The TS32101 has an adjustable output voltage selected by an external resistor divider in the feedback loop. To change the
output voltage, replace resistors RTOP and RBOT with values from the following equation:
VOUT = 1.2 * (1 + RTOP / RBOT)
Power Good
The PG signal provides the ability to monitor fault conditions and power supply sequencing. The PG output is valid high when
the TS32101 is enabled, the input voltage is above the VIN under-voltage threshold, the output voltage is above 90% of the
desired value, and the device is not in thermal shutdown.
The PG output can be utilized for power supply sequencing. When the device is operating normally and the output voltage is
above 90% of the desired value, the PG output will be high. A 100us deglitch timer is used to insure that the PG signal does not
respond to noise or transients.
Thermal Shutdown
If the temperature of the die exceeds 150C (typical), the VSW outputs will tri-state to protect the device from damage. The PG
and all other protection circuitry will stay active to inform the system of the failure mode. Once the device cools to 140C
(typical), the device will attempt to start up again. If the device reaches 150C, the shutdown/restart sequence will repeat. The
PG output will be pulled low in this condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com